Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 17 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button P9221-R_17 Datasheet HTML 13Page - Integrated Device Technology P9221-R_17 Datasheet HTML 14Page - Integrated Device Technology P9221-R_17 Datasheet HTML 15Page - Integrated Device Technology P9221-R_17 Datasheet HTML 16Page - Integrated Device Technology P9221-R_17 Datasheet HTML 17Page - Integrated Device Technology P9221-R_17 Datasheet HTML 18Page - Integrated Device Technology P9221-R_17 Datasheet HTML 19Page - Integrated Device Technology P9221-R_17 Datasheet HTML 20Page - Integrated Device Technology P9221-R_17 Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
17
April 4, 2017
8.3
SINK Pin
The P9221-R has an internal automatic DC clamping to protect the device in the event of high voltage transients. The VRECT node must be
connected to the SINK pin at all times using a 36Ω resistor with a greater than ¼ W rating.
8.4
Rectifier Voltage – VRECT
The P9221-R uses a high‐efficiency synchronous rectifier to convert the AC signal from the coil to a DC signal on the VRECT pin. During startup,
the rectifier operates as a passive diode bridge. Once the voltage on VRECT exceeds the under-voltage lock-out level (UVLO; see Table 5),
the rectifier will switch into full synchronous bridge rectifier mode. A total capacitance of 30μF is recommended to minimize the output voltage
ripple.
8.5
Over-Current Limit – ILIM
The P9221-R has a programmable current limit function for protecting the device in the event of an over-current or short-circuit fault condition.
When the output current exceeds the programmed threshold, the P9221-R will limit the load current by reducing the output voltage. The current
limit should be set to 130% of the target maximum output current. See the ILIM pin description in Table 1 for further information.
8.6
Interrupt Function – INT
̅̅̅̅̅̅
The P9221-R provides an open-drain, active-LOW interrupt output pin. It is asserted LOW when EN is HIGH or any of the following fault
conditions have been triggered: the die temperature exceeds 140°C, the external thermistor measurement exceeds the threshold (see section
8.9), or an over-current (OC) or over-voltage (OV) condition is detected.
During normal operation, the INT pin is pulled HIGH. This pin can be connected to the interrupt pin of a microcontroller. The source of the trigger
for the interrupt is available in the I2C interrupt register (see Table 12).
8.7
Enable Pin – EN
̅̅̅̅̅
The P9221-R can be disabled by applying a logic HIGH to the EN pin. When the EN pin is pulled HIGH, the device is in Shut Down Mode.
Connecting the enable pin to logic LOW activates the device.
8.8
Thermal Protection
The P9221-R integrates thermal shutdown circuitry to prevent damage resulting from excessive thermal stress that may be encountered under
fault conditions. This circuitry will shut down or reset the P9221-R if the die temperature exceeds 140°C.
8.9
External Temperature Sensing – TS
The P9221-R has a temperature sensor input, TS, which can be used to monitor an external temperature by using a thermistor. The built-in
comparator’s reference voltage was chosen to be 0.6V in the P9221-R, and it is used for monitoring the voltage level on the TS pin as described
by Equation 1.
VTS=VVDD18×
NTC
R+NTC
Equation 1
Where NTC is the thermistor’s resistance and R is the pull-up resistor connected to VDD18 pin. The over–temperature shutdown is trigged
when the TS pin voltage is lower than 0.6V; for more information, see Figure 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com