Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 7 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button P9221-R_17 Datasheet HTML 3Page - Integrated Device Technology P9221-R_17 Datasheet HTML 4Page - Integrated Device Technology P9221-R_17 Datasheet HTML 5Page - Integrated Device Technology P9221-R_17 Datasheet HTML 6Page - Integrated Device Technology P9221-R_17 Datasheet HTML 7Page - Integrated Device Technology P9221-R_17 Datasheet HTML 8Page - Integrated Device Technology P9221-R_17 Datasheet HTML 9Page - Integrated Device Technology P9221-R_17 Datasheet HTML 10Page - Integrated Device Technology P9221-R_17 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
7
April 4, 2017
Pins
Name
Type
Function
G4
RSV1
Reserved for internal use. Do not connect.
G5, H5, H6
AC2
I
AC input power. Connect to the Rx coil (LS).
G6
BST2
O
Boost capacitor for driving the high-side switch of the internal rectifier. Connect a 15nF
capacitor from the AC2 pin to BST2.
H3
RSV2
Reserved pins. Must be connected to GND.
H4
TS
I
Remote temperature sensor for over-temperature shutdown. Connect to the NTC thermistor
network. If not used, connect to VDD18 pin through the 10kΩ resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com