Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 19 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button P9221-R_17 Datasheet HTML 15Page - Integrated Device Technology P9221-R_17 Datasheet HTML 16Page - Integrated Device Technology P9221-R_17 Datasheet HTML 17Page - Integrated Device Technology P9221-R_17 Datasheet HTML 18Page - Integrated Device Technology P9221-R_17 Datasheet HTML 19Page - Integrated Device Technology P9221-R_17 Datasheet HTML 20Page - Integrated Device Technology P9221-R_17 Datasheet HTML 21Page - Integrated Device Technology P9221-R_17 Datasheet HTML 22Page - Integrated Device Technology P9221-R_17 Datasheet HTML 23Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
19
April 4, 2017
Table 7.
Maximum Estimated Power Loss
Maximum Power [W]
Maximum �������� [mW]
15
750
The compensation algorithm includes values that are programmable via either the I2C interface or OTP (one-time programmable) bits.
Programmability is necessary so that the calibration settings can be optimized to match the power transfer characteristics of each particular
WPC system to include the power losses of the transmit and receive coils, battery, shielding, and case materials under no-load to full-load
conditions. The values are based on the comparison of the received power against a reference power curve so that any foreign object can be
sensed when the received power is different than the expected system power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com