Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 29 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 29 Page - Integrated Device Technology

Back Button P9221-R_17 Datasheet HTML 25Page - Integrated Device Technology P9221-R_17 Datasheet HTML 26Page - Integrated Device Technology P9221-R_17 Datasheet HTML 27Page - Integrated Device Technology P9221-R_17 Datasheet HTML 28Page - Integrated Device Technology P9221-R_17 Datasheet HTML 29Page - Integrated Device Technology P9221-R_17 Datasheet HTML 30Page - Integrated Device Technology P9221-R_17 Datasheet HTML 31Page - Integrated Device Technology P9221-R_17 Datasheet HTML 32Page - Integrated Device Technology P9221-R_17 Datasheet HTML 33Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
29
April 4, 2017
12. Application Information
12.1 Power Dissipation and Thermal Requirements
The use of integrated circuits in low-profile and fine-pitch surface-mount packages requires special attention to power dissipation. Many system-
dependent issues such as thermal coupling, airflow, added heat sinks, convection surfaces, and the presence of other heat-generating
components.
The P9221-R package has a maximum power dissipation of approximately 1.72W, which is governed by the number of thermal vias between
the package and the printed circuit board. The die’s maximum power dissipation is specified by the junction temperature and the package
thermal resistance. The WLCSP package has a typical θJA of 47ºC/W with 8 thermal vias and 77ºC/W with no thermal vias. Maximizing the
thermal vias is highly recommended. The ambient temperature surrounding the power IC will also have an effect on the thermal limits of the
PCB design. The main factors influencing thermal resistance (θJA) are the PCB characteristics and thermal vias. For example, in a typical still-
air environment, a significant amount of the heat generated is absorbed by the PCB. Changing the design or configuration of the PCB changes
the overall thermal resistivity and therefore the board’s heat-sinking efficiency.
Three basic approaches for enhancing thermal performance are listed below:
Improving the power dissipation capability of the PCB design and improving the thermal coupling of the component to the PCB.
Introducing airflow into the system.
First, the maximum power dissipation for a given situation should be calculated using Equation 3:
PD(MAX) =
(TJ(MAX) − TA)
θJA
Equation 3
Where
PD(MAX) = Maximum power dissipation
θJA = Package thermal resistance (°C/W)
TJ(MAX) = Maximum device junction temperature (°C)
TA = Ambient temperature (°C)
The maximum recommended junction temperature (TJ(MAX)) for the P9221-R device is 125°C. The thermal resistance of the 52-WLCSP package
(AHG52) is nominally θJA=47°C/W with 8 thermal vias. Operation is specified to a maximum steady-state ambient temperature (TA) of 85°C.
Therefore, the maximum recommended power dissipation is
PD(Max) = (125°C - 85°C) / 47°C/W ≅ 0.85 Watt
All the above-mentioned thermal resistances are the values found when the P9221-R is mounted on a standard board of the dimensions and
characteristics specified by the JEDEC 51 standard.
12.2 Recommended Coils
The following coil is recommended with the P9221-R receiver for 15W applications for optimum performance. The recommended vendor has
been tested and verified.
Table 24. Recommended Coil Manufacturers
Output Power
Vendor
Part number
Inductance at 100kHz
ACR at 20°C
15W
AMOTECH
ASC-504060E00-S00
8.2µH
220 mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com