Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 15 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button P9221-R_17 Datasheet HTML 11Page - Integrated Device Technology P9221-R_17 Datasheet HTML 12Page - Integrated Device Technology P9221-R_17 Datasheet HTML 13Page - Integrated Device Technology P9221-R_17 Datasheet HTML 14Page - Integrated Device Technology P9221-R_17 Datasheet HTML 15Page - Integrated Device Technology P9221-R_17 Datasheet HTML 16Page - Integrated Device Technology P9221-R_17 Datasheet HTML 17Page - Integrated Device Technology P9221-R_17 Datasheet HTML 18Page - Integrated Device Technology P9221-R_17 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
15
April 4, 2017
7. Function Block Diagram
Figure 17. Functional Block Diagram
LDO
VRECT
SINK
OVP
32-bit ARM
Processor
BST1
AC1
AC2
OUT
VRECT
VOUT
ISNS
TS
ILIM
VOSET
RPPO
RPPG
VTDIE
ADC
MUX
I2C
Slave
SCL
SDA
Peak detector
and LPF
VDD5V
LDO
5V
LDO
1.8V
VDD18
GND
UVLO
Phase detector
AC1
RSVx
EN
EN
EN
EN
INT
BST2
COMM1
COMM2
ALIGNX
ALIGNY
DEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com