Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 8 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button P9221-R_17 Datasheet HTML 4Page - Integrated Device Technology P9221-R_17 Datasheet HTML 5Page - Integrated Device Technology P9221-R_17 Datasheet HTML 6Page - Integrated Device Technology P9221-R_17 Datasheet HTML 7Page - Integrated Device Technology P9221-R_17 Datasheet HTML 8Page - Integrated Device Technology P9221-R_17 Datasheet HTML 9Page - Integrated Device Technology P9221-R_17 Datasheet HTML 10Page - Integrated Device Technology P9221-R_17 Datasheet HTML 11Page - Integrated Device Technology P9221-R_17 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
8
April 4, 2017
3. Absolute Maximum Ratings
Stresses greater than those listed as absolute maximum ratings in Table 2 could cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods might affect reliability.
Table 2.
Absolute Maximum Ratings
Pins[a]
Rating[b]
Units
AC1[c], AC2[c], COMM1, COMM2
-0.3 to 20
V
EN
̅̅̅̅
-0.3 to 28
V
SINK, VRECT
-0.3 to 24
V
DEN, ILIM, RPPG, RPPO, VDD18, VOSET
-0.3 to 2
V
ALIGNX, ALIGNY, INT
̅̅̅̅, SCL, SDA, TS, VDD5V
-0.3 to 6
V
BST1, BST2
-0.3 to AC1+6, AC2+6
V
OUT
-0.3 to 14.4
V
Maximum Current on SINK
1
A
Maximum RMS Current on COMM1, COMM2
500
mA
Maximum RMS Current from AC1, AC2
2
A
[a] Absolute maximum ratings are not provided for reserved pins (RSV1, RSV2, RSV3, RSV4, RSV5, and DEN). These pins
are not used in the application.
[b] All voltages are referred to ground unless otherwise noted.
[c] During synchronous rectifier dead time, the voltage on the AC1 and AC2 pins is developed by current across the power
FET’s body diodes, and it might be lower than -0.3 V. This is a normal behavior and does not negatively impact the
functionality or reliability of the product.
Table 3.
ESD Information
Test Model
Pins
Ratings
Units
HBM
All pins except RSV2 and RSV3
2
kV
RSV2, RSV3 pins
1
kV
CDM
All pins
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com