Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 11 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button P9221-R_17 Datasheet HTML 7Page - Integrated Device Technology P9221-R_17 Datasheet HTML 8Page - Integrated Device Technology P9221-R_17 Datasheet HTML 9Page - Integrated Device Technology P9221-R_17 Datasheet HTML 10Page - Integrated Device Technology P9221-R_17 Datasheet HTML 11Page - Integrated Device Technology P9221-R_17 Datasheet HTML 12Page - Integrated Device Technology P9221-R_17 Datasheet HTML 13Page - Integrated Device Technology P9221-R_17 Datasheet HTML 14Page - Integrated Device Technology P9221-R_17 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
11
April 4, 2017
Symbol
Description
Conditions
Min
Typical
Max
Units
tSU:STA
Set-up Time for Repeated
START Condition
0.6
µs
tBUF
Bus Free Time Between
STOP and START
Condition
1.3
µs
CB
Capacitive Load for each
Bus Line
150
pF
CI
SCL, SDA Input
Capacitance
5
pF
Thermal Shutdown
TSD
Thermal Shutdown
Rising[b]
140
°C
Falling
120
°C
[a] Do not externally load. For internal biasing only.
[b] If the die temperature exceeds 130°C, the Thermal_SHTDN_Status flag is set and an end power transfer (EPT) packet is sent (see Table 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com