Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 31 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 31 Page - Integrated Device Technology

Back Button P9221-R_17 Datasheet HTML 27Page - Integrated Device Technology P9221-R_17 Datasheet HTML 28Page - Integrated Device Technology P9221-R_17 Datasheet HTML 29Page - Integrated Device Technology P9221-R_17 Datasheet HTML 30Page - Integrated Device Technology P9221-R_17 Datasheet HTML 31Page - Integrated Device Technology P9221-R_17 Datasheet HTML 32Page - Integrated Device Technology P9221-R_17 Datasheet HTML 33Page - Integrated Device Technology P9221-R_17 Datasheet HTML 34Page - Integrated Device Technology P9221-R_17 Datasheet HTML 35Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
31
April 4, 2017
12.4 Bill of Materials (BOM)
Table 25. P9221-R MM Evaluation Kit V2.1 Bill of Materials
Item
Reference
Quantity
Value
Description
Part Number
PCB Footprint
1
AC2T, VDD5V, VPP18,
VOSET, TS, SDA, SCL,
RPO, RPG, INT, ILIM,
GCOM, DEN, ALGY,
ALGX, /EN
16
PTH_TP
Test Pad
10MIL_35PAD
2
AC2, LC
2
NP
Test Point
test_pt_sm_135x70
3
C1, C2, C3, C5
4
100nF/5
0V
CAP CER 0.1UF 50V X5R 0402
GRM155R61H104KE19D
402
4
C6, C14
2
47nF
CAP CER 0.047UF 50V X7R 0402
C1005X7R1H473K050BB
402
5
C7, C15
2
NP
CAP CER 0.047UF 50V X7R 0402
C1005X7R1H473K050BB
402
6
C8, C16
2
15nF
CAP CER 0.015UF 50V X7R 0402
GRM155R71H153KA12J
402
7
C9
1
3.3nF
CAP CER 3300PF 50V X7R 0402
CL05B332KB5NNNC
402
8
C10, C11, C21, C22,
C33
5
10uF
CAP CER 10UF 25V X5R 0603
CL10A106MA8NRNC
603
9
C12
1
NP
CAP CER 10UF 25V X5R 0603
CL10A106MA8NRNC
603
10
C18
1
NP
CAP CER 1UF 10V X5R 0402
GRM155R61A105KE15D
402
11
C20
1
1uF
CAP CER 1UF 10V X5R 0402
GRM155R61A105KE15D
402
12
C19, C25, C31
3
0.1uF
CAP CER 0.1UF 10V X5R 0201
C0603X5R1A104K030BC
201
13
C23
1
0.1uF
CAP CER 0.1UF 25V X5R 0201
CL03A104KA3NNNC
201
14
D1
1
LED
LED GREEN CLEAR 0603 SMD
150060GS75000
0603_diode
15
D6,D7
2
5.1V
DIODE ZENER 5.1V 100MW 0201
CZRZ5V1B-HF
201
16
GND1, VRECT, VOUT,
VOSNS, GND
5
Test
Point
TEST POINT PC MINIATURE SMT
5015
test_pt_sm_135x70
17
L1
1
RX coil
AMOTECH, Rx Power Coil
ASC-504060E00-S00
10MIL_35PAD
18
J1
1
NP
HEADER_1X5_0P1PITCH60P42D
68002-205HLF
header_1x5_0p1Pitch60p42d
19
RTS
1
NP
NTC2
20
R1, R13, R14
3
5.1k
RES SMD 5.1K OHM 5% 1/16W 0402
MCR01MRTJ512
402
21
R2
1
36
RES SMD 36 OHM 5% 1/2W 0805
ERJ-P06J360V
805
22
R6
1
NP
RES SMD 0.0OHM 1/10W 0402
ERJ-2GE0R00X
402
23
R8
1
0
RES SMD 0.0OHM 1/10W 0402
ERJ-2GE0R00X
402
24
R15, R16
2
10K
RES SMD 10KOHM 1% 1/10W 0603
RC0603FR-0710KL
603
25
R17, R19, R23, R27,
R28, R29, R30, R34,
R38, R39
10
10k
RES SMD 10K OHM 5% 1/10W 0402
ERJ-2GEJ103X
402
26
R18, R22, ,R33
3
NP
RES SMD 10K OHM 5% 1/10W 0402
ERJ-2GEJ103X
402
27
R35
1
0
RES SMD 0.0OHM JUMPER 1/10W 0603
MCR03EZPJ000
603
28
U1
1
P9221-R
Wireless power receiver
P9221-R
csp52_2p64x3p94_0p4mm
29
U2
1
NP
IC EEPROM 128KBIT 400KHZ 8TDFN
24AA128T-I/MNY
TDFN08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com