Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 18 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button P9221-R_17 Datasheet HTML 14Page - Integrated Device Technology P9221-R_17 Datasheet HTML 15Page - Integrated Device Technology P9221-R_17 Datasheet HTML 16Page - Integrated Device Technology P9221-R_17 Datasheet HTML 17Page - Integrated Device Technology P9221-R_17 Datasheet HTML 18Page - Integrated Device Technology P9221-R_17 Datasheet HTML 19Page - Integrated Device Technology P9221-R_17 Datasheet HTML 20Page - Integrated Device Technology P9221-R_17 Datasheet HTML 21Page - Integrated Device Technology P9221-R_17 Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
18
April 4, 2017
8.10 Alignment Guide – ALIGNX and ALIGNY
This feature is used to provide directional information regarding the transmit coil and receive coil alignment while the wireless charger is in
normal operation mode. Sensing coils (see the basic application circuit on the first page) are placed on the wireless power receiver side between
the power RX coil and power TX coil. Special design enables the sensing coils to output zero voltage when the alignment is optimum while
misalignment between the transmitter and receiver coils will result in a voltage on the sensing coils. These signals are internally rectified, filtered,
and passed through the ADC providing quantitative information on the amount of misalignment. The higher the signal is, the more the coils are
misaligned.
Furthermore, the signal magnitude on ALIGNX and ALIGNY provides directional information by measuring the phase between the input power
AC signal and horizontal and vertical alignment signals. Once the signal passes through the ADC, the alignment information is represented by
two 8-bit signed numbers, which can be read from the Alignment X Value and Alignment Y Value I2C registers defined in Table 21 and Table
22 respectively, which indicate the misalignment direction and magnitude.
The application processor can provide 2D visual graphics that suggest how much the power coils are misaligned in each direction and can
suggest that the user move the device on the TX pad for the best alignment to improve the power transferred and reduce the charging time.
8.11 Received Power Packet Offset and Gain Calibration – RPPO and RPPG
The received power packet offset (RPPO) and received power packet gain (RPPG) calibrations have dedicated pins for tuning foreign object
detection (FOD). The offset calibration can be tuned by the voltage level of RPPO to a value between 0.1V to 2.1V, which corresponds to a
power offset range of 1.54W to 2.34W. The gain can be modified by setting the voltage level of the RPPG pin. The range of the control gain is
from 0.122 to 2.33 where the level is determined by a ratiometric voltage in the range of 0.1V to 2.1V on the RPPG pin.
To disable the FOD, the voltage on both RPPO and RPPG must be set to 0.1V. Neither pin should be floating. If FOD is not required, the RPPG
and RPPO must be set to 0.9V, which defaults to gain = 1 and offset = 0.
8.12 Advanced Foreign Object Detection (FOD)
When metallic objects are exposed to an alternating magnetic field, eddy currents cause such objects to heat up. Examples of such parasitic
metal objects are coins, keys, paper clips, etc. The amount of heating depends on the strength of the coupled magnetic field, as well as on the
characteristics of the object, such as its resistivity, size, and shape. In a wireless power transfer system, the heating manifests itself as a power
loss, and therefore a reduction in power-transfer efficiency. Moreover, if no appropriate measures are taken, the heating could be sufficient that
the foreign object could become heated to an undesirable temperature.
During the power transfer phase, the receiver periodically will communicate to the transmitter the amount of power received by means of a
received power packet. The transmitter will compare this power with the amount of power transmitted during the same time period. If there is a
significant unexplained loss of power, then the transmitter will shut off power delivery because a possible foreign object might be absorbing too
much energy.
For a WPC system to perform this function with sufficient accuracy, both the transmitter and receiver must account for and compensate for all
of their known losses. Such losses could be due to resistive losses or nearby metals that are part of the transmitter or receiver, etc. Because
the system accurately measures its power and accounts for all known losses, it can thereby detect foreign objects because they cause an
unknown loss. The WPC specification requires that a power receiver must report to the power transmitter its received power (PPR) in a received-
power packet (RPP). The maximum value of the received power accuracy ����Δ depends on the maximum power of the power receiver as defined
in Table 7.
The power receiver must determine its PPR with an accuracy of ±����Δ, and report its received power as PRECEIVED = PPR + ����Δ. This means that
the reported received power is always greater than or equal to the transmitted power (PPT) if there is no foreign object (FO) present on the
interface surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com