Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 13 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 15Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 17Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 129 page
background image
Tx is the point where any power supply decreases under its minimum value specified in the DC operating condition
table.
Tz is the point where all power supplies are below 300 mV. After Tz, the device is powered off.
The time between Tx and Tz (tPOFF) shall be less than 2s.
The following conditions apply:
Between Tx and Tz, VDD1 must be greater than VDD2 - 200 mV.
Between Tx and Tz, VDD1 and VDD2 must be greater than VDD2 - 200 mV.
Between Tx and Tz, VDD1 and VDD2 must be greater than VDDQ - 200 mV.
Between Tx and Tz, VREF must always be less than all other supply voltages.
The voltage difference between any of VSS, VSSQ, and VSSCA pins may not exceed 100 mV.
Table 2 – Timing Parameters Power-Off
Symbol
Value
Unit
Comment
min
max
tPOFF
-
2
s
Maximum Power-Off ramp time
3.2.4 Uncontrolled Power-Off Sequence
The following sequence shall be used to power off the LPDDR2 device under uncontrolled condition.
Tx is the point where any power supply decreases under its minimum value specified in the DC operating condition
table. After turning off all power supplies, any power supply current capacity must be zero, except for any static charge
remaining in the system.
Tz is the point where all power supply first reaches 300 mV. After Tz, the device is powered off.
The time between Tx and Tz (tPOFF) shall be less than 2s. The relative level between supply voltages are
uncontrolled during this period.
VDD1 and VDD2 shall decrease with a slope lower than 0.5 V/usec between Tx and Tz.
Uncontrolled power off sequence can be applied only up to 400 times in the life of the device.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 13/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com