Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 85 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 85 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 81Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 82Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 83Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 84Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 85Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 86Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 87Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 88Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 89Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 129 page
background image
7.5 Differential Input Cross Point Voltage
To guarantee tight setup and hold times as well as output skew parameters with respect to clock and strobe, each
cross point voltage of differential input signals (CK, CK# and DQS, DQS#) must meet the requirements in Table 28.
The differential input cross point voltage VIX is measured from the actual cross point of true and complement signals
to the midlevel between of VDD and VSS.
Figure 7.6 — Vix Definition
Table 29 — Cross point voltage for differential input signals (CK, DQS)
Symbol
Parameter
LPDDR2-800
Unit
Notes
Min
Max
VIXCA
Differential Input Cross Point Voltage
relative to VDDCA/2 for CK, CK#
-120
120
mV
1,2
VIXDQ
Differential Input Cross Point Voltage
relative to VDDQ/2 for DQS, DQS#
-120
120
mV
1,2
NOTE 1 The typical value of VIX(AC) is expected to be about 0.5 × VDD of the transmitting device, and VIX(AC) is expected to track
variations in VDD. VIX(AC) indicates the voltage at which differential input signals must cross.
NOTE 2 For CK and CK#, Vref = VrefCA(DC). For DQS and DQS#, Vref = VrefDQ(DC).
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 85/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com