Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 73 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 73 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 69Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 70Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 71Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 72Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 73Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 74Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 75Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 76Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 77Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 129 page
background image
Table 17 — Current State Bank n - Command to Bank m
Current State
of
Bank n
Command for
Bank m
Operation
Next State for
Bank m
Notes
Any
NOP
Continue previous operation
Current State of Bank m
Idle
Any
Any command allowed to Bank m
-
18
Row Activating,
Active, or
Precharging
Active
Select and activate row in Bank m
Active
7
Read
Select column, and start read burst from Bank m
Reading
8
Write
Select column, and start write burst to Bank m
Writing
8
Precharge
Deactivate row in bank or banks
Precharging
9
MRR
Read value from Mode Register
Idle MR Reading or
Active MR Reading
10,11,13
BST
Read or Write burst terminate an ongoing
Read/Write from/to Bank m
Active
18
Reading
(Autoprecharge
disabled)
Read
Select column, and start read burst from Bank m
Reading
8
Write
Select column, and start write burst to Bank m
Writing
8, 14
Activate
Select and activate row in Bank m
Active
Precharge
Deactivate row in bank or banks
Precharging
9
Writing
(Autoprecharge
disabled)
Read
Select column, and start read burst from Bank m
Reading
8,16
Write
Select column, and start write burst to Bank m
Writing
8
Activate
Select and activate row in Bank m
Active
Precharge
Deactivate row in bank or banks
Precharging
9
Reading with
Autoprecharge
Read
Select column, and start read burst from Bank m
Reading
8,15
Write
Select column, and start write burst to Bank m
Writing
8,14,15
Activate
Select and activate row in Bank m
Active
Precharge
Deactivate row in bank or banks
Precharging
9
Writing with
Autoprecharge
Read
Select column, and start read burst from Bank m
Reading
8,15,16
Write
Select column, and start write burst to Bank m
Writing
8,15
Activate
Select and activate row in Bank m
Active
Precharge
Deactivate row in bank or banks
Precharging
9
Power On
Reset
Begin Device Auto-Initialization
Resetting
12,17
Resetting
MRR
Read value from Mode Register
Resetting MR Reading
NOTE 1 The table applies when both CKEn-1 and CKEn are HIGH, and after tXSR or tXP has been met if the previous state was Self Refresh or
Power Down.
NOTE 2 All states and sequences not shown are illegal or reserved.
NOTE 3 Current State Definitions:
-
Idle: the bank has been precharged, and tRP has been met.
-
Active: a row in the bank has been activated, and tRCD has been met. No data bursts/accesses and no register accesses are in
progress.
-
Reading: a Read burst has been initiated, with Auto Precharge disabled, and has not yet terminated or been terminated.
-
Writing: a Write burst has been initiated, with Auto Precharge disabled, and has not yet terminated or been terminated.
NOTE 4 Refresh, Self-Refresh, and Mode Register Write commands may only be issued when all bank are idle.
NOTE 5 A Burst Terminate (BST) command cannot be issued to another bank; it applies to the bank represented by the current state only.
NOTE 6 The following states must not be interrupted by any executable command; NOP commands must be applied during each clock cycle
while in these states:
-
Idle MR Reading: starts with the registration of a MRR command and ends when tMRR has been met. Once tMRR has been met, the bank
will be in the Idle state.
-
Resetting MR Reading: starts with the registration of a MRR command and ends when tMRR has been met. Once tMRR has been met, the
bank will be in the Resetting state.
-
Active MR Reading: starts with the registration of a MRR command and ends when tMRR has been met. Once tMRR has been met, the
bank will be in the Active state.
-
MR Writing: starts with the registration of a MRW command and ends when tMRW has been met. Once tMRW has been met, the bank
will be in the Idle state.
NOTE 7 tRRD must be met between Activate command to Bank n and a subsequent Activate command to Bank m.
NOTE 8 Reads or Writes listed in the Command column include Reads and Writes with Auto Precharge enabled and Reads and Writes with
Auto Precharge disabled.
NOTE 9 This command may or may not be bank specific. If all banks are being precharged, they must be in a valid state for precharging.
NOTE 10 MRR is allowed during the Row Activating state (Row Activating starts with registration of an Activate command and ends when
tRCD is met.)
NOTE 11 MRR is allowed during the Precharging state. (Precharging starts with registration of a Precharge command and ends when tRP is met.
NOTE 12 Not bank-specific; requires that all banks are idle and no bursts are in progress.
NOTE 13 The next state for Bank m depends on the current state of Bank m (Idle, Row Activating, Precharging, or Active). The reader shall
note that the state may be in transition when a MRR is issued. Therefore, if Bank m is in the Row Activating state and Precharging, the next state
may be Active and Precharge dependent upon tRCD and tRP respectively.
NOTE 14 A Write command may be applied after the completion of the Read burst, otherwise a BST must be issued to end the Read prior to
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 73/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com