Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 71 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 71 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 67Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 68Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 69Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 70Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 71Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 72Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 73Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 74Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 75Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 129 page
background image
4.18
LPDDR2-SDRAM Truth Tables
The truth tables provide complementary information to the state diagram, they clarify the device behavior and the
applied restrictions when considering the actual state of all the Banks.
Table 15 – LPDDR2-S4 : CKE Table
Device Current
State
*3
CKEn-1
*1
CKEn
*1
CS#
*2
Command n
*4
Operation n
*4
Device Next State
Notes
Active Power
Down
L
L
X
X
Maintain active Power
Down
Active Power Down
L
H
H
NOP
Exit Active Power
Down
Active
6,9
Idle Power Down
L
L
X
X
Maintain Idle Power
Down
Idle Power Down
L
H
H
NOP
Exit Idle Power Down
Idle
6,9
Resetting Power
Down
L
L
X
X
Maintain Resetting
Power Down
Resetting Power
Down
L
H
H
NOP
Exit Resetting Power
Down
Idle or Resetting
6,9,12
Deep Power
Down
L
L
X
X
Maintain Deep Power
Down
Deep Power Down
L
H
H
NOP
Exit Deep Power
Down
Power On
8
Self Refresh
L
L
X
X
Maintain Self Refresh
Self Refresh
L
H
H
NOP
Exit Self Refresh
Idle
7,10
Bank(s) Active
H
L
H
NOP
Enter Active Power
Down
Active Power Down
All Banks Idle
H
L
H
NOP
Enter Idle Power
Down
Idle Power Down
H
L
L
Enter Self-
refresh
Enter Self Refresh
Self Refresh
H
L
L
Deep power
down
Enter Deep Power
Down
Deep Power Down
Resetting
H
L
H
NOP
Enter Resetting Power
Down
Resetting Power
Down
H
H
Refer to the Command Truth Table
NOTE 1 “CKEn” is the logic state of CKE at clock rising edge n; “CKEn-1” was the state of CKE at the previous clock edge.
NOTE 2 “CS#” is the logic state of CS# at the clock rising edge n;
NOTE 3 “Current state” is the state of the LPDDR2 device immediately prior to clock edge n.
NOTE 4 “Command n” is the command registered at clock edge N, and “Operation n” is a result of “Command n”.
NOTE 5 All states and sequences not shown are illegal or reserved unless explicitly described elsewhere in this document.
NOTE 6 Power Down exit time (tXP) should elapse before a command other than NOP is issued.
NOTE 7 Self-Refresh exit time (tXSR) should elapse before a command other than NOP is issued.
NOTE 8 The Deep Power-Down exit procedure must be followed as discussed in the Deep Power-Down section of the Functional Description.
NOTE 9 The clock must toggle at least twice during the tXP period.
NOTE 10 The clock must toggle at least twice during the tXSR time.
NOTE 11 'X’ means ‘Don’t care’.
NOTE 12 Upon exiting Resetting Power Down, the device will return to the Idle state if tINIT5 has expired
Table 16 — Current State Bank n - Command to Bank n
Current State
Command
Operation
Next State
Notes
Any
NOP
Continue previous operation
Current State
Idle
Active
Select and activate row
Active
Refresh(Per
Bank)
Begin to refresh
Refreshing (Per Bank)
6
Refresh(All Bank)
Begin to refresh
Refreshing (All Bank)
7
MRW
Load value to Mode Register
MR Writing
7
MRR
Read Value from Mode Register
Idle
MR Reading
Reset
Begin Device Auto-Initialization
Resetting
7,8
Precharge
Deactivate row in bank or banks
Precharging
9,15
Row Active
Read
Select Column, and start read burst
Reading
Write
Select Column, and start write burst
Writing
MRR
Read Value from Mode Register
Active
MR Reading
Precharge
Deactivate row in bank or banks
Precharging
9
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 71/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com