Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 79 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 79 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 75Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 76Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 77Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 78Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 79Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 80Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 81Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 82Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 83Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 129 page
background image
7.2 Vref Tolerances
The dc-tolerance limits and ac-noise limits for the reference voltages VRefCA and VRefDQ are illustrated in Figure 7.1.
It shows a valid reference voltage VRef(t) as a function of time. (VRef stands for VRefCA and VRefDQ likewise). VDD
stands for VDDCA for VRefCA and VDDQ for VRefDQ. VRef(DC) is the linear average of VRef(t) over a very long
period of time (e.g. 1 sec) and is specified as a fraction of the linear average of VDDQ or VDD2 also over a very long
period of time (e.g. 1 sec). This average has to meet the min/max requirements in Table 24. Furthermore VRef(t) may
temporarily deviate from VRef(DC) by no more than +/- 1% VDD. Vref(t) cannot track noise on VDDQ or VDDCA if this
would send Vref outside these specifications
Figure 7.1 — Illustration of VRef(DC) tolerance and VRef ac-noise limits
The voltage levels for setup and hold time measurements VIH(AC), VIH(DC), VIL(AC) and VIL(DC) are dependent on
VRef. “VRef “ shall be understood as VRef(DC), as defined in Figure 7.1.
This clarifies that dc-variations of VRef affect the absolute voltage a signal has to reach to achieve a valid high or low
level and therefore the time to which setup and hold is measured. Devices will function correctly with appropriate
timing deratings with VREF outside these specified levels so long as VREF is maintained between 0.44 x VDDQ (or
VDDCA) and 0.56 x VDDQ (or VDDCA) and so long as the controller achieves the required single-ended AC and DC
input levels from instantaneous VREF (see the Single-Ended AC and DC Input Levels for CA and CS# Inputs Table
and Single-Ended AC and DC Input Levels for DQ and DM.) Therefore, system timing and voltage budgets need to
account for VREF deviations outside of this range.
This also clarifies that the LPDDR2 setup/hold specification and derating values need to include time and voltage
associated with VRef ac-noise. Timing and voltage effects due to ac-noise on VRef up to the specified limit (+/-1% of
VDD) are included in LPDDR2 timings and their associated deratings.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 79/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com