Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 49 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 49 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 45Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 46Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 47Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 48Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 49Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 50Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 51Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 52Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 53Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 129 page
background image
4.10
LPDDR2-SX: Self Refresh operation
The Self Refresh command can be used to retain data in the LPDDR2 SDRAM, even if the rest of the system is
powered down. When in the Self Refresh mode, the LPDDR2 SDRAM retains data without external clocking. The
LPDDR2 SDRAM device has a built-in timer to accommodate Self Refresh operation. The Self Refresh Command is
defined by having CKE LOW, CS# LOW, CA0 LOW, CA1 LOW, and CA2 HIGH at the rising edge of the clock.
CKE must be HIGH during the previous clock cycle. A NOP command must be driven in the clock cycle following the
power-down command. Once the command is registered, CKE must be held LOW to keep the device in Self Refresh
mode.
LPDDR2-SX devices can operate in Self Refresh in both the Standard or Extended Temperature Ranges. LPDDR2-
SX devices will also manage Self Refresh power consumption when the operating temperature changes, lower at low
temperatures and higher at high temperatures. See “LPDDR2 IDD Specification Parameters and Operating Conditions”
for details.
Once the LPDDR2 SDRAM has entered Self Refresh mode, all of the external signals except CKE, are “don’t care”.
For proper self refresh operation, power supply pins (VDD1, VDD2, and VDD2) must be at valid levels. VDDQ may be
turned off during Self-Refresh. Prior to exiting Self-Refresh, VDDQ must be within specified limits. VrefDQ and VrefCA
may be at any level within minimum and maximum levels (see “Absolute Maximum DC Ratings”). However prior to
exiting Self-Refresh, VrefDQ and VrefCA must be within specified limits (see “Recommended DC Operating
Conditions”). The SDRAM initiates a minimum of one all-bank refresh command internally within tCKESR period once
it enters Self Refresh mode. The clock is internally disabled during Self Refresh Operation to save power. The
minimum time that the LPDDR2 SDRAM must remain in Self Refresh mode is tCKESR. The user may change the
external clock frequency or halt the external clock one clock after Self Refresh entry is registered; however, the clock
must be restarted and stable before the device can exit Self Refresh operation.
The procedure for exiting Self Refresh requires a sequence of commands. First, the clock shall be stable and within
specified limits for a minimum of 2 tCK prior to the positive clock edge that registers CKE HIGH. Once Self Refresh
Exit is registered, a delay of at least tXSR must be satisfied before a valid command can be issued to the device to
allow for any internal refresh in progress. CKE must remain HIGH for the entire Self Refresh exit period tXSR for
proper operation except for self refresh re-entry. NOP commands must be registered on each positive clock edge
during the Self Refresh exit interval tXSR.
The use of Self Refresh mode introduces the possibility that an internally timed refresh event can be missed when
CKE is raised for exit from Self Refresh mode. Upon exit from Self Refresh, it is required that at least one Refresh
command (8 per-bank or 1 all-bank) is issued before entry into a subsequent Self Refresh.
For LPDDR2 SDRAM, the maximum duration in power-down mode is only limited by the refresh requirements outlined
in section “LPDDR2 SDRAM Refresh Requirements”, since no refresh operations are performed in power-down mode
CK#
CK
CKE
CS#
CMD Valid
Enter
SR
NOP
Exit
SR
NOP
NOP
Valid
tIHCKE
tISCKE
tISCKE
tXSR (MIN)
tCKESR (MIN)
tIHCKE
Enter self refresh mode
Exit self refresh mode
Input clock frequency can be changed
or clock can be stopped during self refresh.
Don
't care
Figure 4.33 — LPDDR2-SX: Self-Refresh Operation
NOTE 1 Input clock frequency may be changed or stopped during self-refresh, provided that upon exiting self-refresh, a
minimum of 2 clocks of stable clock are provided and the clock frequency is between the minimum and maximum frequency
for the particular speed grade.
NOTE 2 Device must be in the “All banks idle” state prior to entering Self Refresh mode.
NOTE 3 tXSR begins at the rising edge of the clock after CKE is driven HIGH.
NOTE 4 A valid command may be issued only after tXSR is satisfied. NOPs shall be issued during tXSR.
4.10.1 LPDDR2-S4: Partial Array Self-Refresh: Bank Masking
LPDDR2-S4 SDRAM has 4 or 8 banks. For LPDDR2-S4 devices, 64Mb to 512Mb LPDDR2 SDRAM has 4 banks,
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 49/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com