Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 35 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 35 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 31Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 32Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 33Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 34Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 35Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 36Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 37Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 38Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 39Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 129 page
background image
4.6 Burst Terminate
The Burst Terminate (BST) command is initiated by having CS# LOW, CA0 HIGH, CA1 HIGH, CA2 LOW, and CA3
LOW at the rising edge of clock. A Burst Teminate command may only be issued to terminate an active Read or Write
burst. Therefore, a Burst Terminate command may only be issued up to and including BL/2 - 1 clock cycles after a
Read or Write command. The effective burst length of a Read or Write command truncated by a BST command is as
follows: Effective burst length = 2 x {Number of clock cycles from the Read or Write Command to the BST command}
Note that if a read or write burst is truncated with a Burst Terminate (BST) command, the effective burst length of the
truncated burst should be used as “BL” to calculate the minimum read to write or write to read delay.
The BST command only affects the most recent read or write command. The BST command truncates an ongoing
read burst RL * tCK + tDQSCK + tDQSQ after the rising edge of the clock where the Burst Terminate command is
issued. The BST command truncates an ongoing write burst WL * tCK + tDQSS after the rising edge of the clock
where the Burst Terminate command is issued.
For LPDDR2-S4 devices, the 4-bit prefetch architecture allows the BST command to be issued on an even number of
clock cycles after a Write or Read command. Therefore, the effective burst length of Read or Write command
truncated by a BST command is an integer multiple of 4.
Figure 4.18 — LPDDR2-S4: Burst Write truncated by BST: WL = 1, BL = 16
NOTE 1 The BST command truncates an ongoing write burst WL * tCK + tDQSS after the rising edge of the clock where the
Burst Terminate command is issued.
NOTE 2 For LPDDR2-S4 devices, BST can only be issued an even number of clock cycles after the Write command.
NOTE 3 Additional BST commands are not allowed after T4 and may not be issued until after the next Read or Write command.
Figure 4.19 — LPDDR2-S4: Burst Read truncated by BST: RL=3, BL = 16
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 35/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com