Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 21 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 21 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 25Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 129 page
background image
MR7 Basic Configuration 3 (MA <7:0> =07H) :
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
Revision ID2
Revision ID2
Read-
only
OP<7:0>
0000 0000B: A-version
NOTE 1 MR7 is Vendor Specific
MR8_Basic Configuration 4 (MA<7:0> = 08BH):
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
I/O width
Density
Type
Type
Read-
only
OP<1:0>
00B: S4 SDRAM
01B: Reserved
10B: Do Not Use
11B: Reserved
Density
Read-
only
OP<5:2>
0000B: 64Mb
0001B: 128Mb
0010B: 256Mb
0011B: 512Mb
0100B:
1Gb
0101B:
2Gb
0110B:
4Gb
0111B
8Gb
1000B: 16Gb
1001B: 32Gb
All others : reserved
I/O Width
Read-
only
OP<7:6>
00B: x32
01B: x16
10B: x8
11B: not used
MR9_Test Mode (MA<7:0> = 09H):
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
Vendor-specific Test Mode
MR10_Calibration (MA<7:0> = 0AH):
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
Calibration Code
Calibration Code
Write-
only
OP<7:0>
0xFFB: Calibration command after initialization
0xABB: Long calibration
0x56B: Short calibration
0xC3B: ZQ Reset
Others : Reserved
NOTE 1 Host processor shall not write MR10 with “Reserved” values
NOTE 2 LPDDR2 devices shall ignore calibration command when a “Reserved” value is written into MR10.
NOTE 3 See AC timing table for the calibration latency.
NOTE 4 If ZQ is connected to VSSCA through RZQ, either the ZQ calibration function (see “Mode Register Write ZQ Calibration Command” )
or default calibration (through the ZQreset command) is supported. If ZQ is connected to VDD2, the device operates with default calibration, and
ZQ calibration commands are ignored. In both cases, the ZQ connection shall not change after power is applied to the device.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 21/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com