Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 27 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 27 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 25Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 26Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 27Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 28Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 29Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 30Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 31Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 129 page
background image
4.4 Burst Read Command
The Burst Read command is initiated by having CS# LOW, CA0 HIGH, CA1 LOW and CA2 HIGH at the rising edge of
the clock. The command address bus inputs, CA5r-CA6r and CA1f-CA9f, determine the starting column address for
the burst. The Read Latency (RL) is defined from the rising edge of the clock on which the Read Command is issued
to the rising edge of the clock from which the tDQSCK delay is measured. The first valid datum is available RL * tCK +
tDQSCK + tDQSQ after the rising edge of the clock where the Read Command is issued. The data strobe output is
driven LOW tRPRE before the first rising valid strobe edge. The first bit of the burst is synchronized with the first rising
edge of the data strobe. Each subsequent data-out appears on each DQ pin edge aligned with the data strobe. The
RL is programmed in the mode registers.
Timings for the data strobe are measured relative to the crosspoint of DQS and its complement, DQS#.
CK#
CK
DQS#
DQS
DQ
RL-1
RL
RL+BL/2
tCH
tCL
tLZ(DQS)
tRPRE
tDQSCKmax
tRPST
tHZ(DQS)
DOUT
DOUT
DOUT
DOUT
tQH
tDQSQmax
tQH
tDQSQmax
tHZ(DQ)
tLZ(DQ)
Transitioning data
Figure 4.4 — Data output (read) timing (tDQSCKmax)
NOTE 1 tDQSCK may span multiple clock periods.
NOTE 2 An effective Burst Length of 4 is shown.
CK#
CK
DQS#
DQS
DQ
RL-1
RL
RL+BL/2
tCH
tCL
tRPRE
tDQSCKmin
tRPST
tHZ(DQS)
DOUT
DOUT
DOUT
DOUT
tQH
tDQSQmax
tQH
tDQSQmax
tHZ(DQ)
tLZ(DQ)
tLZ(DQS)
Transitioning data
Figure 4.5 — Data output (read) timing (tDQSCKmin)
NOTE 1 An effective Burst Length of 4 is shown.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 27/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com