Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8519KETTR-R Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A8519KETTR-R
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R Datasheet(HTML) 4 Page - Allegro MicroSystems

  A8519KETTR-R Datasheet HTML 1Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 2Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 3Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 4Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 5Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 6Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 7Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 8Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Block Diagram
Fault
Block
ISET
Block
Gate
Off
LED
Driver
Block
Diode Open
Sense
TSD
OVP2
VOUT
OVP
Enable
Block
PWM
Block
Regulator
UVLO Block
Input Current
Sense
Amplifier
GATE
PWM
VSENSE
VIN
Vin
AGND
AGND
AGND
SW
FSET
AGND
1.235 V
Reference
NMOS
Driver
Driver
Circuit
Internal Soft
Start Block
VOUT Hyst.
Control
OVP
Sense
Open/Short
LED Detect
Oscillator
Internal
V
CC
Internal V
CC
Frequency
Dithering
LED1
LED2
LED3
LED4
APWM
ISET
AGND
V
REF
V
REF
VDD
I
ADJ
AGND
FAULT
PGND
PGND
COMP
CLKOUT
+
–
OCP2
Current
Sense
Error
Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com