Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8519KETTR-R Datasheet(PDF) 27 Page - Allegro MicroSystems

Part # A8519KETTR-R
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R Datasheet(HTML) 27 Page - Allegro MicroSystems

Back Button A8519KETTR-R Datasheet HTML 23Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 24Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 25Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 26Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 27Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 28Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 29Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 30Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 31Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
27
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Fault Name
Type
Active
Fault
Flag
Set
Description
Boost
Disconnect
Switch
LED
Sink
Drivers
Undervoltage
Protection
Auto-
restart
Always
YES
Device immediately shuts off boost and current sinks if
the voltage at OVP pin is below VUVP(th). It will auto-
restart once the fault is removed.
OFF
ON
OFF
LED String Short
Detection
Auto-
restart
Always
NO
Fault occurs when the LED pin voltage exceeds
5.2 V. Once the LED string short fault is detected, the
LED string above the threshold will be removed from
operation.
ON
ON
OFF for
shorted
pins, ON
for all
others
Overtemperature
Protection
Auto-
restart
Always
NO
Fault occurs when the die temperature exceeds the
overtemperature threshold, typically 170°C.
OFF
OFF
OFF
VIN UVLO
Auto-
restart
Always
NO
Fault occurs when VIN drops below VUVLOfall, typically
below 3.9 V. This fault resets all latched faults.
OFF
OFF
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com