Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8519KETTR-R Datasheet(PDF) 20 Page - Allegro MicroSystems

Part # A8519KETTR-R
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R Datasheet(HTML) 20 Page - Allegro MicroSystems

Back Button A8519KETTR-R Datasheet HTML 16Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 17Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 18Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 19Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 20Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 21Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 22Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 23Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 24Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
20
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 26: Output of A8519 when Disconnected from Load During
Normal Operation
Figure 27: Typical OVP Condition Caused by an Open LED String
Figure 27 illustrates a typical OVP condition caused by an open
LED string. Once OVP is detected, the boost stops switching,
and the open LED string is removed from operation. Afterwards,
VOUT is allowed to fall, the boost will resume switching, and the
A8519 will resume normal operation.
VOUT
VSW
VPWM
ILED(TOTAL)
VOUT
VSW
VPWM
ILED(TOTAL)
While the IC is being PWM dimmed, the IC will recheck the dis-
abled LED every time the PWM signal goes high to prevent false
tripping of LED short. This also allows for some self-correction if
an intermittent LED pin short-to-VOUT is present.
At least one LED must be in regulation for the LED string short-
detect protection to activate. In case all of the LED pins are above
regulation voltage (this could happen when the input voltage
rises too high for the LED strings), they will continue to operate
normally.
Overvoltage Protection
The A8519 has output overvoltage protection (OVP) and open
Schottky diode protection (secondary OVP). The OVP pin has
a threshold level of 8.3 V typical. A resistor can be used to set
the output overvoltage protection threshold up to 40 V approxi-
mately. This is sufficient for driving 11 white LED in series.
The formula for calculating the OVP resistor is shown below:
where VOVP(th) = 8.3 V typical and IOVP(th) = 200 µA typical.
The OVP function is not a latched fault. If the OVP condition
occurs during a load dump, the IC will stop switching but not
shut down.
There are several possibilities why an OVP condition is encoun-
tered during operation, the two most common being an open LED
string and a disconnected output condition.
Figure 26 illustrates when the output of the A8519 is discon-
nected from load during normal operation. The output voltage
instantly increases up to OVP voltage level, and then the boost
stops switching to prevent damage to the IC. When the output
voltage decreases to a low value, the boost converter will begin
switching. If the condition that caused the OV event still exists,
OVP will be triggered again.
R=
OVP
(V
– V
)
OVP
OVP(th)
I
OVP(th)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com