Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8519KETTR-R Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A8519KETTR-R
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A8519KETTR-R Datasheet HTML 3Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 4Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 5Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 6Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 7Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 8Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 9Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 10Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
BOOST SWITCH
Switch On-Resistance
RSW
ISW = 0.75 A, VIN = 16 V
●
100
250
500
mΩ
Switch Leakage Current
ISW(LKG)
VSW = 16 V, VPWM = VIL
●
–
0.1
1
μA
Switch Current Limit
ISW(LIM)
●
3
3.65
4.5
A
Secondary Switch Current Limit [2]
ISW(LIM2)
Higher than max ISW(LIM) under all conditions
part latches when detected
–
4.9
–
A
Minimum Switch On-Time
tSW(on)
●
45
65
85
ns
Minimum Switch Off-Time
tSW(off)
●
–
65
85
ns
OSCILLATOR FREQUENCY
Oscillator Frequency [5]
fSW
RFSET = 10 kΩ
●
1.95
2.15
2.35
MHz
RFSET = 21.5 kΩ
●
0.9
1
1.1
MHz
RFSET = 110 kΩ
–
200
–
kHz
Oscillator Frequency Dithering Range
fSW_DITH
RFSET = 10 kΩ
–
±5
–
%
Dithering Modulation Frequency
fSW_MOD
RFSET = 10 kΩ
–
12.5
–
kHz
FSET Pin Voltage
VFSET
A8519, RFSET = 10 kΩ
–
1.02
–
V
A8519-1, RFSET = 10 kΩ
–
1.07
–
V
SYNCHRONIZATION
Sync Input Logic Level
VSYNCL
FSET pin logic Low
●
–
–
0.4
V
VSYNCH
FSET pin logic High
●
2
–
–
V
Synchronized PWM Frequency
fSW(sync)
●
260
–
2300
kHz
Synchronization Input Min. Off-Time
tSYNC(off)
●
150
–
–
ns
Synchronization Input Min. On-Time
tSYNC(on)
●
150
–
–
ns
LED CURRENT SINKS
LEDx Accuracy [4]
ErrLED
RISET = 8.33 kW
●
–
0.7
3
%
LEDx Matching
ΔLEDx
IISET = 120 µA
●
–
0.8
2
%
LEDx Regulation Voltage
VLEDx
VLED1 = VLED2 = VLED3 = VLED4,
IISET = 120 µA
●
750
850
975
mV
ISET to ILEDx Current Gain
AISET
IISET = 120 µA
●
696
710
727
A/A
ISET Pin Voltage
VISET
0.987
1.017
1.047
V
Allowable ISET Current
IISET
●
20
–
144
µA
VLEDx Short detect
VLEDx(SC)
While LED sinks are in regulation; sensed from
VLEDx to AGND
●
4.7
5.2
5.7
V
LED Startup Ramp Time [2]
tSS
Time duration before all LED channels come
into regulation, or OVP is tripped
–
20
–
ms
ELECTRICAL CHARACTERISTICS [1]: Unless otherwise specified, specifications are valid at VIN = 16 V, TA= 25°C; ● indicates
specifications guaranteed over the full operating temperature range with TA = TJ = -40°C to 125°C; typical specifications are at TA = 25°C
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Continued on the next page…
1
For input and output current specifications, negative current is defined as coming out of the node or pin (sourcing); positive current is defined as going into the node or pin
(sinking).
2
Ensured by design and characterization, not production tested.
3
Minimum VIN = 4.5 V is only required at startup. After startup is completed, IC can continue to operate down to VIN = 3.9 V
4
LED current is trimmed to cancel variations in both Gain and ISET voltage
5
fSW measurements were taken with dithering function is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com