Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8519KETTR-R Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # A8519KETTR-R
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button A8519KETTR-R Datasheet HTML 8Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 9Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 10Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 11Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 12Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 13Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 14Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 15Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
12
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Enabling the IC
The IC turns on when a logic high signal is applied on the
PWM pin with a minimum duration of tPWMH for the first clock
cycle, and the input voltage present on the VIN pin is greater
than 4.35 V to clear the UVLO threshold. Before the LEDs are
enabled, the A8519 driver goes through a system check to see
if there are any possible fault conditions that might prevent the
system from functioning correctly. Also if the FSET pin is pulled
low the IC will not power up. More information on the FSET pin
can be found in the Synchronization section of the datasheet.
FUNCTIONAL DESCRIPTION
Figure 1: Power Up Diagram Showing PWM, ISET, and VDD
Voltages and Total LED Current
Figure 2: Power Up Diagram Showing Disconnect VGATE, VLED1,
VISET, and VPWM During LED Pins Detect and Regulation Period
3.09 k
W 3.09 kW 3.09 kW
Use LED1 Channel Only
Use Four LED Channels
AGND
GND
AGND
GND
LED2
LED2
LED3
LED3
LED4
LED4
LED1
LED1
LED Strings
LED String
Figure 3: Channel Select Setup
When the voltage threshold on VLEDx pins exceeds 120 mV, a
delay between 3000 and 4000 clock cycles (1.5 to 2 ms) is used
to determine the status of the pins.
Table 1: LED Detection Duration for Given Switching Frequency
Switching Frequency
Detection Time
2 MHz
1.5 to 2 ms
1 MHz
3 to 4 ms
800 kHz
3.75 to 5 ms
600 kHz
5 to 6.7 ms
All unused LED pins should be connected with a 3.09 kΩ resis-
tor to GND. The unused pin, with the pull-down resistor, will be
taken out of regulation at this point and will not contribute to the
boost regulation loop.
VPWM
VISET
ILED(TOTAL)
VVDD
Once the IC is enabled, there are only two ways to shut down the
IC into low-power mode:
1. Pull PWM pin to low for at least 32,750 clock cycles
(approximately 16 ms at 2 MHz).
2. Cut off the supply and allow VIN to drop below UVLO fall-
ing threshold (less than 3.9 V).
Powering Up: LED Pin Check
Once VIN pin goes above UVLO and a high signal is present
on the PWM pin, the IC proceeds to power up. The A8519 then
enables the disconnect switch (GATE) and checks to see if the
LED pins are shorted to ground and/or are not used. The LED
detect phase starts when the GATE voltage of the disconnect
switch is equal to VIN – 3.3 V.
Figure 2 shows the relation of LEDx pins with respect to the
gate voltage of the disconnect switch (if used) during LED detect
phase, as well as the duration of the LED detect for a switching
frequency of 2 MHz.
VGATE
VLED1
LED current regulation begins
VPWM
LED Detection Period
GATE=Vin-3.3V
GATE voltage is pulled lower than VIN
VISET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com