Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8519KETTR-R Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A8519KETTR-R
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A8519KETTR-R Datasheet HTML 5Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 6Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 7Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 8Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 9Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 10Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 11Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 12Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
V> V
OUT
IN
C
IN
C
OUT1
C
OUT2
C
VDD
R
PU
C
P
L1
Q1
D1
R
ADJ
R
SC
Optional
C
Z
R
Z
R
ISET
V
IN
APWM
AGND
GND
PGND
VDD
R
OVP
V
C
PWM
LED4
LED1
OVP
VIN
GATE
SW
VOUT
FAULT
VSENSE
R
FSET
CLKOUT
ISET
FSET
A8519
LED2
LED3
COMP
C
IN
C
OUT
C
VDD
R
PU
C
P
L1
R1*
C
SW
L2
D2
D2*
C
Z
R
Z
R
ISET
V
IN
APWM
*Notes:
Input disconnect switch is not necessary in this
case to protect against VOUT-to-ground short.
R1 and D2 are used to provide a leakage path
so the OVPpin is above 100 mV during startup.
Otherwise, the IC would assume an VOUT-to-GND
short and not proceed with soft start.
AGND
GND
PGND
VDD
R
OVP
V
C
PWM
LED4
LED1
OVP
VIN
GATE
SW
VOUT
FAULT
VSENSE
Output: 3 WLED in series
(~10 V)
R
FSET
CLKOUT
ISET
FSET
LED2
LED3
COMP
A8519
Typical Application Showing Boost Configuration with Input Disconnect Switch to Protect Against VOUT-to-Ground Short
Typical Application Showing SEPIC Configuration for Flexible Input/Output Voltage Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com