Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8519KETTR-R Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A8519KETTR-R
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A8519KETTR-R Datasheet HTML 7Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 8Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 9Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 10Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 11Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 12Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 13Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 14Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Transient Response to Step Change in PWM Dimming
From PWM = 0.1% to PWM = 100% at 4 Channels,
60 mA/Channel, VIN = 12 V; Time base = 50 ms/Div
From PWM = 100% to PWM = 0.1% at 4 Channels,
60 mA/Channel, VIN = 12 V; Time base = 50 ms/Div
Transient Response to Step Change in VIN Voltage
From VIN = 16 V to VIN = 5.5 V, 4 Channels, 60 mA/Channel,
PWM = 100%; Time base = 50 ms/Div
From VIN = 5.5 V to VIN = 16 V, 4 Channels, 60 mA/Channel,
PWM = 100%; Time base = 50 ms/Div
VSW
VOUT
ILED(TOTAL)
VSW
VOUT
ILED(TOTAL)
VSW
VOUT
ILED(TOTAL)
VIN
VSW
VOUT
ILED(TOTAL)
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com