Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8519KETTR-R Datasheet(PDF) 16 Page - Allegro MicroSystems

Part # A8519KETTR-R
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R Datasheet(HTML) 16 Page - Allegro MicroSystems

Back Button A8519KETTR-R Datasheet HTML 12Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 13Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 14Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 15Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 16Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 17Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 18Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 19Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 20Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
16
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
This sets the maximum current through the LEDs, referred to as
the 100% current.
Table 4: LED Current Setting Resistors (Values Rounded to the
Nearest Standard Resistor Value)
Standard Closest RISET Resistor
Values
LED Current
ILED
7.15 kΩ
100 mA per LED
8.87 kΩ
80 mA per LED
11.8 kΩ
60 mA per LED
14.3 kΩ
50 mA per LED
17.8 kΩ
40 mA per LED
PWM Dimming
The LED current can be reduced from the 100% current level
by PWM dimming using the PWM pin. When the PWM pin is
pulled high, the A8519 turns on and all enabled LEDs sink 100%
current. When PWM is pulled low, the boost converter and LED
sinks are turned off. The compensation (COMP) pin is floated,
and critical internal circuits are kept active. The typical PWM
dimming frequencies fall between 200 Hz and 1 kHz.
The A8519 is designed to deliver a maximum dimming ratio of
10,000:1 at PWM frequency of 100 Hz. That means a minimum
PWM duty cycle of 0.01%, or an on-time of just 1 µs out of a
period of 10 ms.
Figure 13: Typical PWM Diagram Showing VOUT, ILED and COMP
Pin, as well as the PWM Signal. (PWM dimming Frequency is
500 Hz 50% duty cyle.)
Figure 14: Typical PWM Diagram Showing VOUT, ILED, and COMP
Pin, as well as the PWM Signal. (PWM dimming frequency is
500 Hz 1% duty cycle.)
Figure 15: Rising Edge PWM Signal to Total LED Current
ILED(TOTAL) Turn-On Delay; Time base = 100 ns
Figure 16: Falling Edge PWM Signal to Total LED Current
ILED(TOTAL) Turn-Off Delay; Time base = 100 ns
VOUT
VCOMP
ILED(TOTAL)
VPWM
VOUT
VCOMP
ILED(TOTAL)
VPWM
ILED(TOTAL)
VPWM
ILED(TOTAL)
VPWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com