Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8519KETTR-R Datasheet(PDF) 15 Page - Allegro MicroSystems

Part # A8519KETTR-R
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button A8519KETTR-R Datasheet HTML 11Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 12Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 13Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 14Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 15Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 16Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 17Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 18Page - Allegro MicroSystems A8519KETTR-R Datasheet HTML 19Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
15
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Table 3: Sync Pulse Duty Cycle Range for Selected Switch-
ing Frequencies.
Sync Pulse Frequency
Duty Cycle Range
2.2 MHz
33% to 66%
2 MHz
30% to 70%
1 MHz
15% to 85%
600 kHz
9% to 91%
300 kHz
4.5% to 95.5%
Figure 10: Synchronized FSET Pin and Switch Node SW Voltage.
Figure 11: Transition of the Switch Wave Form when the Sync
Pulse is Detected. The A8519 is switching at 2 MHz, and the
applied sync pulse is 1 MHz. The LED current does not show any
variation while the frequency changeover occurs.
VOUT
VFSET
ILED(TOTAL)
VSW
Suppose the A8519 is started up with a valid external SYNC sig-
nal, but the SYNC signal is lost during normal operation. In that
case, one of the following happens:
•
If the external SYNC signal is high impedance (open), the
A8519 continues normal operation after approximately 5 µs,
at the switching frequency set by RFSET. No FAULT flag is
generated.
•
If the external SYNC signal is stuck low (shorted to ground),
the A8519 will detect an FSET-shorted-to-GND fault. The
FAULT pin is pulled low after approximately 10 µs, and
switching is disabled. Once the FSET pin is released or
SYNC signal is detected again, the A8519 will proceed to
soft-start.
To prevent generating a fault when the external SYNC signal is
stuck at low, the circuit shown in Figure 12 can be used. When
the external SYNC signal goes low, the A8519 will continue to
operate normally at the switching frequency set by the RFSET. No
FAULT flag is generated.
A8519
Schottky
Barrier
Diode
FSET
R
FSET
10.2 k
220 pF
External
Synchronization
Signal
Figure 12: Countermeasure to Prevent External Sync Signal
Stuck-at-Low Fault.
LED Current Setting and LED Dimming
The maximum LED current can be up to 100 mA per chan-
nel, and is set through the ISET pin. Connect a resistor, RISET,
between this pin and GND. To set ILED calculate RISET as fol-
lows:
I = I × A
LED
SET
ISET
I =
SET
R
ISET
V
ISET
R =
ISET
(V × A )
ISET
ISET
I
LED
where ILED current is in A and RISET is in Ω.
2MHz operation
1MHz operation
VOUT
VFSET
ILED(TOTAL)
VSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com