Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7183 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7183
Description  Advanced Video Decoder with 10-Bit ADC and Component Input Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7183 Datasheet(HTML) 4 Page - Analog Devices

  AD7183 Datasheet HTML 1Page - Analog Devices AD7183 Datasheet HTML 2Page - Analog Devices AD7183 Datasheet HTML 3Page - Analog Devices AD7183 Datasheet HTML 4Page - Analog Devices AD7183 Datasheet HTML 5Page - Analog Devices AD7183 Datasheet HTML 6Page - Analog Devices AD7183 Datasheet HTML 7Page - Analog Devices AD7183 Datasheet HTML 8Page - Analog Devices AD7183 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
REV. 0
–4–
ADV7183
TIMING SPECIFICATIONS1
Parameter
Min
Typ
Max
Unit
Test Conditions
SYSTEM CLOCK AND CRYSTAL
Nominal Frequency
27
MHz
I
2C PORT2
SCL Clock Frequency
0
400
kHz
SCL Min Pulsewidth High, t1
0.6
µs
SCL Min Pulsewidth Low, t2
1.3
µs
Hold Time (Start Condition), t3
0.6
µs
Setup Time (Start Condition), t4
0.6
µs
Data Setup Time, t5
100
ns
SCL/SDA Rise Time, t6
300
ns
SCL/SDA Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
0.6
µs
RESET FEATURE
Reset Pulse Input Width
74
ns
CLOCK OUTPUTS
3
LLC1 Cycle Time, t9
37
ns
CCIR601 Mode 27 MHz
LLC1 Cycle Time, t9
33.9
ns
PAL Square Pixel Mode 29.5 MHz
LLC1 Cycle Time, t9
40.8
ns
NTSC Square Pixel Mode 24.5 MHz
LLC1 Min Low Period, t10
18
ns
CCIR601 Mode 27 MHz
LLC1 Min High Period, t11
18
ns
CCIR601 Mode 27 MHz
LLC1 Falling to LLCREF Falling, t12
4ns
LLC1 Falling to LLCREF Rising, t13
6ns
LLC1 Rising to LLC2 Rising, t14
35
ns
LLC1 Rising to LLC2 Falling, t15
13
ns
CLKIN Cycle Time, t18
37
ns
SCAPI and CAPI Modes
DATA AND CONTROL OUTPUT
Data Output Hold Time, t17
26
ns
LLC Mode
Data Output Access Time, t16
30
33
ns
LLC Mode
Data Output Access Time, t19
20
25
ns
SCAPI and CAPI Modes
Data Output Hold Time, t20
6
11
ns
SCAPI and CAPI Modes
Propagation Delay to High Z, t21
58
ns
Max Output Enable Access Time, t22
811
ns
Min Output Enable Access Time, t23
25
ns
NOTES
1The max/min specifications are guaranteed over this range. The max/min values are typical over V
AA = 4.75 V to 5.25 V, VDD = 3.2 to 3.5 V, and VDDIO = 3.15 V to
3.5 V range.
2Temperature Range T
MIN to TMAX = 0
°C to 70°C
3Guaranteed by characterization.
Specifications subject to change without notice.
(VAA = 4.75 V to 5.25 V, VDD = 3.2 V to 3.5 V, VDDIO = 3.15 V to 3.5 V, TMIN to TMAX
2,
unless otherwise noted.)
ANALOG FRONT END SPECIFICATIONS
1
Parameter
Min
Typ
Max
Unit
Test Conditions
CLAMP CIRCUITRY
External Clamp Capacitor
0.1
µF
Input Impedance
10
M
Ω
Clamp Switched Off
Voltage Clamp Level
1.4
V
Clamp Source Current
3
µA
Signal Already Clamped (Fine Clamping)
Sink Current
–3
µA
Signal Already Clamped (Fine Clamping)
Source Current
0.9
mA
Acquire Mode (Fast Clamping)
Clamp Sink Current
–0.9
mA
Acquire Mode (Fast Clamping)
NOTES
1The max/min specifications are guaranteed over this range. The max/min values are typical over V
AA = 4.75 V to 5.25 V, VDD = 3.2 to 3.5 V, and VDDIO = 3.15 V to
3.5 V range.
2Temperature range T
MIN to TMAX = 0
°C to 70°C
Specifications subject to change without notice.
(VAA = 4.75 V to 5.25 V, VDD = 3.2 V to 3.5 V, VDDIO = 3.15 V to 3.5 V, TMIN to TMAX
2,
unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com