Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7183 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7183
Description  Advanced Video Decoder with 10-Bit ADC and Component Input Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7183 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7183 Datasheet HTML 25Page - Analog Devices AD7183 Datasheet HTML 26Page - Analog Devices AD7183 Datasheet HTML 27Page - Analog Devices AD7183 Datasheet HTML 28Page - Analog Devices AD7183 Datasheet HTML 29Page - Analog Devices AD7183 Datasheet HTML 30Page - Analog Devices AD7183 Datasheet HTML 31Page - Analog Devices AD7183 Datasheet HTML 32Page - Analog Devices AD7183 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
REV. 0
ADV7183
–29–
Table XXVII. Comb Filter Control Register (Subaddress 19)
Bit Description
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0Register Setting
RESERVED
0
0
0
0
0
Set to Zero
CCM[1:0]
1
0
0
No Comb
01
1H
10
2H
1
1
Not Valid, Do Not Use
CCMB_AD
2
0
Chroma Comb Nonadaptive
1
Chroma Comb Adaptive
NOTES
1Chroma Comb Mode. Selects a primary mode for the filter.
2Chroma Comb Adaptive
Table XXVIII. Color Subcarrier Control 1 Register (Subaddress 23)
Bit Description
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0 Register Setting
CSMF[27:24]
1
XXXX
CSM
2
0
Manual FSC Disabled
1
User Defined FSC
3
RESERVED
111
Set to One
NOTES
1Color Subcarrier Manual Frequency. Holds the value used to enable the user to support odd subcarrier frequencies.
2Color Subcarrier Manual
3Defined in CSFM[27:0]
Table XXIX. Color Subcarrier Control 2 Register (Subaddress 24)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
CSMF[23:16]
*
XXXXXXXX
*Color Subcarrier Manual Frequency. Holds the value used to enable the user to support odd subcarrier frequencies.
Table XXX. Color Subcarrier Control 3 Register (Subaddress 25)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
CSMF[15:8]
*
XXXXXXXX
*Color Subcarrier Manual Frequency. Holds the value used to enable the user to support odd subcarrier frequencies.
Table XXXI. Color Subcarrier Control 4 Register (Subaddress 26)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
CSMF[7:0]
*
XXXXXXXX
*Color Subcarrier Manual Frequency. Holds the value used to enable the user to support odd subcarrier frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com