Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7183 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7183
Description  Advanced Video Decoder with 10-Bit ADC and Component Input Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7183 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7183 Datasheet HTML 20Page - Analog Devices AD7183 Datasheet HTML 21Page - Analog Devices AD7183 Datasheet HTML 22Page - Analog Devices AD7183 Datasheet HTML 23Page - Analog Devices AD7183 Datasheet HTML 24Page - Analog Devices AD7183 Datasheet HTML 25Page - Analog Devices AD7183 Datasheet HTML 26Page - Analog Devices AD7183 Datasheet HTML 27Page - Analog Devices AD7183 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
REV. 0
–24–
ADV7183
Table IX. Extended Output Control Register (Subaddress 04)
Bit Description
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0Register Setting
RANGE
1
0
CCIR-Compliant
1
Fill Whole Accessible Range
RESERVED
110
DDOS[2:0]
2
000
No Additional Data
3
BT656-4
4
0
BT656-3-Compatible
1
BT656-4-Compatible
NOTES
1Allows the user to select the range of output values. Can be CCIR601-compliant or fill the whole accessible number range.
2D Data Output Selection. If the 100-pin package is used, the 12 additional pins can output additional data.
312 Pins Three-State
4Allows the user to select an output mode that is compatible with BT656-4 or BT656-3.
Table X. General-Purpose Output Register (Subaddress 05)
Bit Description
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0Register Setting
GPO[3:0]
1
0000
User Programmable
HD Test Pattern Off
GPEL
2
0
GPO[1:0] Three-Stated
1
GPO[1:0] Enabled
GPEH
3
0
GPO[3:2] Three-Stated
1
GPO[3:2] Enabled
BL_C_VBI
4
0
Decode and Output Color During VBI
1
Blank Cr and Cb Data During VBI
HL_EN
5
0
GPO[0] Pin Function6
1
GPO[0] Shows HLOCK Status6
NOTES
1Pixel Data Valid Off. These general-purpose output pins may be programmed by the user but are only available in selected output modes OF_SEL[3:0] and when the
output drivers are enabled using GPEL, GPEH, and HL_Enable bits.
2General Purpose Enable Low. Enables the output drivers for the general-purpose outputs Bits 0 and 1.
3General Purpose Enable High. Enables the output drivers for the general-purpose outputs Bits 2 and 3.
4Blank Chroma During VBI.
5Hlock Enable. This bit causes the GPO[0] pin to output Hlock instead of GPO[0]. Only available in certain output modes.
6GPO lower bits must be enabled GPEL. Disabled.
Table XI. FIFO Control Register (Subaddress 07)
Bit Description
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0Register Setting
FFM[4:0]
1
00100
User Programmable
FR
2
0
Normal Operation
1
FIFO Reset
3
AFR
4
0
No Auto Reset
1
Auto Reset
FFST
0
Synchronous to CLKIN
1
Synchronous to 27 MHz
5
NOTES
1FIFO Flag Margin. Allows the user to program the location at which the FIFO flags AEF and AFF.
2FIFO Reset. Setting this bit will cause the FIFO to reset.
3Bit is auto cleared.
4Automatic FIFO Reset. Setting this bit will cause the FIFO to automatically reset at the end of each field of video.
5FIFO Flag Self Time. Sets whether the FIFO flags AEF, AFF, and HFF are output synchronous to the external CLKIN of the 27 MHz internal clock.
Table XII. Contrast Register (Subaddress 08)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
CON[7:0]
*
10000000
*Contrast Adjust. This is the user control for contrast adjustment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com