Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7183 Datasheet(PDF) 33 Page - Analog Devices

Part # AD7183
Description  Advanced Video Decoder with 10-Bit ADC and Component Input Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7183 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7183 Datasheet HTML 29Page - Analog Devices AD7183 Datasheet HTML 30Page - Analog Devices AD7183 Datasheet HTML 31Page - Analog Devices AD7183 Datasheet HTML 32Page - Analog Devices AD7183 Datasheet HTML 33Page - Analog Devices AD7183 Datasheet HTML 34Page - Analog Devices AD7183 Datasheet HTML 35Page - Analog Devices AD7183 Datasheet HTML 36Page - Analog Devices AD7183 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
REV. 0
ADV7183
–33–
Table XLIV. Miscellaneous Gain Control Register (Subaddress 33)
Bit Description
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0Register Setting
PW_UPD
1
0
Update Gain Once per Line
1
Update Gain Once per Field
AV_AL
2
0
Lines 33 to 310
1
Lines 33 to 270
MIRE[2:0]
3
0
0
0
PAL-133 NTSC-122
0
0
1
PAL-125 NTSC-115
0
1
0
PAL-120 NTSC-110
0
1
1
PAL-115 NTSC-105
1
0
0
PAL-110 NTSC-100
1
0
1
PAL-105 NTSC-100
1
1
0
PAL-100 NTSC-100
1
1
1
PAL-100 NTSC-100
RESERVED
1
Set to One
CKE
0
Color Kill Disabled
1
Color Kill Enabled
RESERVED
1
Set to One
4
NOTES
1Peak White Update. Determines the gain based on measurements taken from the active video; this bit determines the rate of gain change. LAGC[1:0] must be set to
the appropriate mode to enable peak white or average video in the first case.
2Average Brightness Active Lines. Allows the selection between two ranges of active video to determine the average brightness.
3Max IRE. Sets the max I/p IRE level depending on the video standard.
4Color Kill Enable. Allows the optional color kill function to be switched on or off.
Table XLV. HSync Position Control 1 Register (Subaddress 34)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
RESERVED
1111Set to One
HSE[9:8]
1
0
0
HSync ends after HSE[9:0] pixel after falling edge
of HSync.
HSB[9:8]
2
0
0
HSync starts after HSB[9:0] pixel after the falling
edge of HSync.
NOTES
1HSync End. Allows the positioning of the HSync output within the video line.
2HSync Begin. Allows the positioning of HSync output within the video line.
Table XLVI. HSync Position Control 2 Register (Subaddress 35)
Bit Description
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0Register Setting
HSB[7:0]
00000001
1
1Using HSB[9:0] and HSE[9:0] the user can program the position and length of HSync output signal.
Table XLVII. HSync Position Control 3 Register (Subaddress 36)
Bit Description
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0Register Setting
HSE[7:0]
00000001
1
1Using HSB[9:0] and HSE[9:0] the user can program the position and length of HSync output signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com