Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7183 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7183
Description  Advanced Video Decoder with 10-Bit ADC and Component Input Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7183 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7183 Datasheet HTML 15Page - Analog Devices AD7183 Datasheet HTML 16Page - Analog Devices AD7183 Datasheet HTML 17Page - Analog Devices AD7183 Datasheet HTML 18Page - Analog Devices AD7183 Datasheet HTML 19Page - Analog Devices AD7183 Datasheet HTML 20Page - Analog Devices AD7183 Datasheet HTML 21Page - Analog Devices AD7183 Datasheet HTML 22Page - Analog Devices AD7183 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
REV. 0
ADV7183
–19–
REGISTER ACCESSES
The MPU can write to or read from all of the registers of the
ADV7183 except the subaddress register, which is a write only
register. The subaddress register determines which register the
next read or write operation accesses. All communications with
the part through the bus start with an access to the subaddress
register. Then a read/write operation is performed from/to the
target address which then increments to the next address until a
stop command on the bus is performed.
REGISTER PROGRAMMING
The following section describes each register in terms of its
configuration.
Subaddress Register (SR7–SR0)
The communications register is an 8-bit write only register. After the
part has been accessed over the bus and a read/write operation is
selected, the subaddress is set up. The subaddress register
determines to/from which register the operation takes place.
Table II shows the various operations under the control of the
subaddress register. Zero should always be written to SR7–SR6.
Register Select (SR5–SR0)
These bits are set up to point to the required starting address.
Register Name
Addr (Hex)
BASIC BLOCK
Input Control
00
Video Selection
01
Video Enhancement Control
02
Output Control
03
Extended Output Control
04
General-Purpose Output
05
Reserved
06
FIFO Control
07
Contrast Control
08
Saturation Control
09
Brightness Control
0A
Hue Control
0B
Default Value Y
0C
Default Value C
0D
Temporal Decimation
0E
Power Management
0F
Status Register
10
Info Register
11
Register Name
Addr (Hex)
ADVANCED BLOCK
Reserved
12
Analog Control (Internal)
13
Analog Clamp Control
14
Digital Clamp Control 1
15
Digital Clamp Control 2
16
Shaping Filter Control
17
Reserved
18
Comb Filter Control
19
Reserved
1A
Reserved
1B
Reserved
1C
Reserved
1D
Reserved
1E
Reserved
1F
Reserved
20
Reserved
21
Reserved
22
Color Subcarrier Control 1
23
Color Subcarrier Control 2
24
Color Subcarrier Control 3
25
Color Subcarrier Control 4
26
Pixel Delay Control
27
Manual Clock Control 1
28
Manual Clock Control 2
29
Manual Clock Control 3
2A
Auto Clock Control
2B
AGC Mode Control
2C
Chroma Gain Control 1
2D
Chroma Gain Control 2
2E
Luma Gain Control 1
2F
Luma Gain Control 2
30
Manual Gain Shadow Control 1
31
Manual Gain Shadow Control 2
32
Misc Gain Control
33
HSync Position Control 1
34
HSync Position Control 2
35
HSync Position Control 3
36
Polarity Control
37
Reserved
44
Reserved
45
Reserved
F1
Reserved
F2
SDATA
SCLOCK
1–78
9
1–78
9
1–78
9
START ADDR R/
W ACK SUB ADDR
ACK
DATA
ACK
STOP
S
P
Figure 29. Bus Data Transfer
Table II. Subaddress Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com