Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7183 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7183
Description  Advanced Video Decoder with 10-Bit ADC and Component Input Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7183 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7183 Datasheet HTML 3Page - Analog Devices AD7183 Datasheet HTML 4Page - Analog Devices AD7183 Datasheet HTML 5Page - Analog Devices AD7183 Datasheet HTML 6Page - Analog Devices AD7183 Datasheet HTML 7Page - Analog Devices AD7183 Datasheet HTML 8Page - Analog Devices AD7183 Datasheet HTML 9Page - Analog Devices AD7183 Datasheet HTML 10Page - Analog Devices AD7183 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
REV. 0
ADV7183
–7–
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Input/Output
Function
1
VS/VACTIVE
O
VS or Vertical Sync. A dual-function pin, (OM_SEL[1:0] = 0, 0) is an
output signal that indicates a vertical sync with respect to the YUV pixel
data. The active period of this signal is six lines of video long. The polarity
of the VS signal is controlled by the PVS bit. VACTIVE (OM_SEL[1:0] =
1, 0 or 0, 1) is an output signal that is active during the active/viewable
period of a video field. The polarity of VACTIVE is controlled by PVS bit.
2
HS/HACTIVE
O
HS or Horizontal Sync. A dual-function pin, (OM_SEL[1:0] = 0, 0) is a
programmable horizontal sync output signal. The rising and falling edges
can be controlled by HSB[9:0] and HSE[9:0] in steps of 2 LLC1. The polarity
of the HS signal is controlled by the PHS bit. HACTIVE (OM_SEL[1:0] =
1, 0 or 0, 1) is an output signal that is active during the active/viewable
period of a video line. The active portion of a video line is programmable on
the ADV7183. The polarity of HACTIVE is controlled by PHS bit.
3, 14
DVSSIO
G
Digital I/O Ground
4, 15
DVDDIO
P
Digital I/O Supply Voltage (3.3 V)
5–8, 19–24,
P15–P0
O
Video Pixel Output Port. 8-bit multiplexed YCrCb pixel port (P15–P8),
32, 33, 73–76
16-bit YCrCb pixel port (P15–P8 = Y and P7–P0 = Cb,Cr).
9, 31, 71
DVSS1–3
G
Ground for Digital Supply
10, 30, 72
DVDD1–3
P
Digital Supply Voltage (3.3 V)
11
AFF
O
Almost Full Flag. A FIFO control signal indicating when the FIFO has
reached the almost full margin set by the user (use FFM[4:0]). The polarity
of this signal is controlled by the PFF bit.
12
HFF/QCLK/GL
I/O
Half Full Flag. A multifunction pin, (OM_SEL[1:0] = 1, 0) is a FIFO
control signal that indicates when the FIFO is half full. The QCLK
(OM_SEL[1:0] = 0, 1) pin function is a qualified pixel output clock when
using FIFO SCAPI mode. The GL (OM_SEL[1:0] = 0, 0) function
(Genlock output) is a signal that contains a serial stream of data that contains
information for locking the subcarrier frequency. The polarity of HFF signal
is controlled by PFF bit.
13
AEF
O
Almost Empty Flag. A FIFO control signal, it indicates when the FIFO
has reached the almost empty margin set by the user (use FFM[4:0]). The
polarity of this signal is controlled by PFF bit.
16
CLKIN
I
Asynchronous FIFO Clock. This asynchronous clock is used to output
data onto the P19-P0 bus and other control signals.
17, 18, 34, 35
GPO[3:0]
O
General-Purpose Outputs controlled via I
2C
25
LLCREF
O
Clock Reference Output. This is a clock qualifier distributed by the inter-
nal CGC for a data rate of LLC2. The polarity of LLCREF is controlled
by the PLLCREF bit.
26
LLC2
O
Line-Locked Clock System Output Clock/2 (13.5 MHz)
27
LLC1/PCLK
O
Line-Locked Clock System Output Clock. A dual-function pin (27 MHz
± 5%)
or a FIFO output clock ranging from 20 MHz to 35 MHz.
28
XTAL1
O
Second terminal for crystal oscillator; not connected if external clock
source is used.
29
XTAL
I
Input terminal for 27 MHz crystal oscillator or connection for external
oscillator with CMOS-compatible square wave clock signal
36
PWRDN
I
Power-Down Enable. A logical low will place part in a power-down status.
37
ELPF
I
This pin is used for the External Loop Filter that is required for the LLC PLL.
38
PVDD
P
39
PVSS
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com