Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7183 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7183
Description  Advanced Video Decoder with 10-Bit ADC and Component Input Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7183 Datasheet(HTML) 3 Page - Analog Devices

  AD7183 Datasheet HTML 1Page - Analog Devices AD7183 Datasheet HTML 2Page - Analog Devices AD7183 Datasheet HTML 3Page - Analog Devices AD7183 Datasheet HTML 4Page - Analog Devices AD7183 Datasheet HTML 5Page - Analog Devices AD7183 Datasheet HTML 6Page - Analog Devices AD7183 Datasheet HTML 7Page - Analog Devices AD7183 Datasheet HTML 8Page - Analog Devices AD7183 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
REV. 0
ADV7183
–3–
VIDEO PERFORMANCE SPECIFICATIONS1, 2
Parameter
Min
Typ
Max
Unit
Test Conditions
NONLINEAR SPECIFICATIONS
2
Differential Phase
0.6
Degree
CVBS, Comb/No Comb
Differential Gain
0.7
%
CVBS, Comb/No Comb
Luma Nonlinearity
1.0
%
NOISE SPECIFICATIONS
2
SNR (Ramp)
61
54
dB
CVBS
Analog Front End Channel Crosstalk
63
dB
S-Video/YUV, Single-Ended
Analog Front End Channel Crosstalk
63
dB
S-Video/YUV, Differential-Ended
LOCK TIME AND JITTER
SPECIFICATIONS
2
Horizontal Lock Time
50
Lines
TV/VCR mode
Horizontal Recovery Time
50
Lines
Horizontal Lock Range
±5%
Line Length Variation Over Field
±1
%
VCR Mode/Surveillance Mode
Line Length Variation Over Field
±1
%
TV Mode
HLock Lost Declared
10
HSync
TV Mode, Number of Missing HSyncs
HLock Lost Declared
20
HSync
VCR/Surveillance Mode, Number of
Missing HSyncs
Vertical Lock Time
2
VSync
First Lock into Video Signal
VLock Lost Declared
1
VSync
All Modes, Number of Missing VSyncs
FSC Subcarrier Lock Range
±400
Hz
NTSC/PAL
Color Lock Time
50
Lines
HLock to Color Lock Time
LLC Clock Jitter (Short Time Jitter)
1
ns
RMS Clock Jitter
LLC Clock Jitter (Frame Jitter)
37
ns
RMS Clock Jitter
CHROMA-SPECIFIC
SPECIFICATIONS
2
Hue Accuracy
1.0
Degree
Color Saturation Accuracy
1.0
%
Color Gain Control Range
–6
+18
dB
S-Video, YUV, Overall CGC Range
(Analog and Digital)
Analog Color Gain Range
–6
+6
dB
S-Video, YUV
Digital Color Gain Range
0
12
dB
CVBS, S-Video, YUV
Chroma Amplitude Error
0.1
%
Chroma Phase Error
0
Degree
Chroma Luma Intermodulation
0.1
%
LUMA-SPECIFIC SPECIFICATIONS
2
Luma Brightness Accuracy
1.0
%
Video Input Range = 1.0 V p-p
Luma Contrast Accuracy
1.0
%
Video Input Range = 1.0 V p-p
NOTES
1The max/min specifications are guaranteed over this range. The max/min values are typical over V
AA = 4.75 V to 5.25 V, VDD = 3.2 to 3.5 V, and VDDIO = 3.15 V to
3.5 V range.
2Guaranteed by characterization.
3Temperature range T
MIN to TMAX = 0
°C to 70°C
Specifications subject to change without notice.
(VAA = 4.75 V to 5.25 V, VDD = 3.2 V to 3.5 V, VDDIO = 3.15 V to 3.5 V,
TMIN to TMAX
3, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com