Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7183 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7183
Description  Advanced Video Decoder with 10-Bit ADC and Component Input Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7183 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7183 Datasheet HTML 18Page - Analog Devices AD7183 Datasheet HTML 19Page - Analog Devices AD7183 Datasheet HTML 20Page - Analog Devices AD7183 Datasheet HTML 21Page - Analog Devices AD7183 Datasheet HTML 22Page - Analog Devices AD7183 Datasheet HTML 23Page - Analog Devices AD7183 Datasheet HTML 24Page - Analog Devices AD7183 Datasheet HTML 25Page - Analog Devices AD7183 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
REV. 0
–22–
ADV7183
Table V. Input Control Register (Subaddress 00)
Bit Description
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0Register Setting
INSEL[3:0]
1
0000
CVBS In on AIN1
2
0001
CVBS In on AIN2
0010
CVBS In on AIN3
0011
CVBS In on AIN4
0100
CVBS In on AIN5
0101
CVBS In on AIN6
0110
Y on AIN1, C on AIN4
3
0111
Y on AIN2, C on AIN5
1000
Y on AIN3, C on AIN6
1001
Y on AIN1, U on AIN4,V on AIN5
4
1010
Y on AIN2, U on AIN3,V on AIN6
VID_SEL[3:0]
5
0000
Auto Detect PAL (BGHID), NTSC without
Pedestal
0001
Auto Detect PAL (BGHID), NTSC (M) with
Pedestal
0010
Auto Detect PAL (N), NTSC (M) without
Pedestal
0011
Auto Detect PAL (N), NTSC (M) with Pedestal
0100
NTSC (M) without Pedestal
0101
NTSC (M) with Pedestal
0110
NTSC 4.43 without Pedestal
0111
NTSC 4.43 with Pedestal
1000
PAL BGHID without Pedestal
1001
PAL N with Pedestal
1010
PAL M without Pedestal
1011
PAL M with Pedestal
1100
PAL Combination N
1101
PAL Combination N with Pedestal
NOTES
1Allows the user to select an input channel as well as the input format.
2Composite
3S-Video
4YUV
5Allows the user to select the input video standard.
Table VI. Video Selection Register (Subaddress 01)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
VID_QUAL[1:0]
1
0
0
Broadcast Quality
0
1
TV Quality
1
0
VCR Quality
1
1
Surveillance Quality
SQPE
2
0
Standard Mode
1
Enable Square Pixel Mode
DIFFIN
3
0
Single-Ended Inputs
1
Differential Inputs
FFSC
4
0
Standard Video Operation
1
Select 4 FSC Mode
5
BETACAM
0
Standard Video Input
1
Betacam Input Enable
RESERVED
0
Set to Zero
ASE
6
1
INSEL change will not cause reacquire.
0
INSEL change will trigger reacquire.
NOTES
1Allows the user to influence the time constant of the system depending on the input video quality.
2Allows the user to enable/disable the square pixel operation.
3Allows the user to select a differential input mode for every entry in the INSEL[3:0] table.
44 F
SC Mode. Allows the selection of a special NTSC mode where the data is resampled to 4 F SC sampling rate. As a result the LLC will operate at a 4 F SC rate as well.
Only valid for NTSC input.
5NTSC only
6Automatic Startup Enable. When set a change in the INSEL register will automatically be detected and lead the device to enter a video reacquire mode. May be
disabled for genlocked video sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com