Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7183 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7183
Description  Advanced Video Decoder with 10-Bit ADC and Component Input Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7183 Datasheet(HTML) 2 Page - Analog Devices

  AD7183 Datasheet HTML 1Page - Analog Devices AD7183 Datasheet HTML 2Page - Analog Devices AD7183 Datasheet HTML 3Page - Analog Devices AD7183 Datasheet HTML 4Page - Analog Devices AD7183 Datasheet HTML 5Page - Analog Devices AD7183 Datasheet HTML 6Page - Analog Devices AD7183 Datasheet HTML 7Page - Analog Devices AD7183 Datasheet HTML 8Page - Analog Devices AD7183 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
REV. 0
–2–
ADV7183–SPECIFICATIONS1
(VAA = 4.75 V to 5.25 V, VDD = 3.2 V to 3.5 V, VDDIO = 3.15 V to 3.5 V, TMIN to TMAX
2,
unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions
STATIC PERFORMANCE
Resolution (each ADC)
10
Bits
Accuracy (each ADC)
Integral Nonlinearity
3
±0.25
±0.5
LSB
BSL, 2 V Input Range to ADC
Differential Nonlinearity
3
±0.08
±0.17
LSB
2 V Input Range to ADC
DIGITAL INPUTS
3
Input High Voltage, VINH
2V
Input Low Voltage, VINL
0.8
V
Input Current, IIN
–10
+10
µA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
3
Output High Voltage, VOH
2.4
V
ISOURCE = 3.2 mA
Output Low Voltage, VOL
0.4
V
ISINK = 0.4 mA
High Impedance Leakage Current
10
µA
Output Capacitance
30
pF
VOLTAGE REFERENCE
3
Reference Range, VREFOUT
2.15
2.2
2.25
V
IVREFOUT = 0
µA
POWER REQUIREMENTS
Digital Power Supply, VDD
3.2
3.3
3.5
V
Digital IO Power Supply, VDDIO
3.15
3.3
3.5
V
Analog Power Supply, VAA
4.75
5.0
5.25
V
Digital Supply Current, IDD
125
165
mA
Digital IO Supply Current, IDDIO
7mA
Analog Supply Current, IAA
4
150
180
mA
Power-Up Time
1
Field
Sleep Mode until Powered Up
NOTES
1The max/min specifications are guaranteed over this range. The max/min values are typical over V
AA = 4.75 V to 5.25 V, VDD = 3.2 to 3.5 V, and VDDIO = 3.15 V to
3.5 V range.
2Temperature range T
MIN to TMAX = 0
°C to 70°C
3Guaranteed by characterization.
4I
AA is total analog current taken by AVDD supply pins.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com