Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1600 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STMPE1600
Description  16-bit port expander with ultra-low power consumption Xpander Logic?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1600 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STMPE1600 Datasheet HTML 2Page - STMicroelectronics STMPE1600 Datasheet HTML 3Page - STMicroelectronics STMPE1600 Datasheet HTML 4Page - STMicroelectronics STMPE1600 Datasheet HTML 5Page - STMicroelectronics STMPE1600 Datasheet HTML 6Page - STMicroelectronics STMPE1600 Datasheet HTML 7Page - STMicroelectronics STMPE1600 Datasheet HTML 8Page - STMicroelectronics STMPE1600 Datasheet HTML 9Page - STMicroelectronics STMPE1600 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
I2C block
STMPE1600
6/27
Doc ID 16938 Rev 3
2
I2C block
2.1
I2C module
The STMPE1600 is interfaced to the main processor using an I2C bus.
2.1.1
I2C address
The addressing scheme of STMPE1600 is designed to allow up to 8 devices to be
connected to the same I2C bus. The slave device address is a 7-bit or 10-bit address where
they are 42h, 43h, 44h, 45h, 46h, 47h, 48h and 49h (equivalent values in 7-bit and 10-bit
addressing).
Figure 3.
Addressing scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com