Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1600 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STMPE1600
Description  16-bit port expander with ultra-low power consumption Xpander Logic?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1600 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STMPE1600 Datasheet HTML 16Page - STMicroelectronics STMPE1600 Datasheet HTML 17Page - STMicroelectronics STMPE1600 Datasheet HTML 18Page - STMicroelectronics STMPE1600 Datasheet HTML 19Page - STMicroelectronics STMPE1600 Datasheet HTML 20Page - STMicroelectronics STMPE1600 Datasheet HTML 21Page - STMicroelectronics STMPE1600 Datasheet HTML 22Page - STMicroelectronics STMPE1600 Datasheet HTML 23Page - STMicroelectronics STMPE1600 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Maximum rating
STMPE1600
20/27
Doc ID 16938 Rev 3
10
Maximum rating
Stressing the device above the ratings listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only, and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect the device’s reliability.
10.1
DC electrical characteristics
Table 11.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4.5
V
VIO
GPIO supply voltage
4.5
V
VESD
ESD protection on each GPIO pin (HBM)
2
kV
Table 12.
Thermal data
Symbol
Parameter
Value
Unit
ØJA
Thermal resistance junction-ambient
TBD
°C/W
TOPR
Operating temperatire
-40 to 85
°C
TJ
Storage temperature
-65 to 155
°C
Table 13.
Supplies
Symbol
Parameter
Test conditions
Value
Unit
Min
Typ
Max
VCC
Core supply voltage
1.65
3.6
V
Icc400kHz
Operating current with
I2C CLK = 400 kHz with
full traffic density
SCL running at 400 kHz
VCC =1.8 -3.3 V
100% traffic density
I/O = inputs
No peripheral activity or
no load
200
500
µA
Icc100kHz
Operating current with
I2C CLK = 100 kHz with
full traffic density
SCL running at 100 kHz
VCC =1.8 -3.3 V
100% traffic density
I/O=inputs
No peripheral activity or
no load
135
200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com