Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1600 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STMPE1600
Description  16-bit port expander with ultra-low power consumption Xpander Logic?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1600 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STMPE1600 Datasheet HTML 9Page - STMicroelectronics STMPE1600 Datasheet HTML 10Page - STMicroelectronics STMPE1600 Datasheet HTML 11Page - STMicroelectronics STMPE1600 Datasheet HTML 12Page - STMicroelectronics STMPE1600 Datasheet HTML 13Page - STMicroelectronics STMPE1600 Datasheet HTML 14Page - STMicroelectronics STMPE1600 Datasheet HTML 15Page - STMicroelectronics STMPE1600 Datasheet HTML 16Page - STMicroelectronics STMPE1600 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
STMPE1600
Register map
Doc ID 16938 Rev 3
13/27
4
Register map
Table 7.
Register map
Address
Register name
Size (bit)
Function
0x00
Chip ID LSB
8
0x00
0x01
Chip ID MSB
8
0x16
0x02
Version ID
8
Revision number (0x01)
0x03
SystemControl
8
Reset and interrupt control
0x04-
0x07
Reserved
Reserved
0x08
IEGPIOR
8
GPIO interrupt enable register LSB
0x09
8
GPIO interrupt enable register MSB
0x0A
ISGPIOR
8
GPIO interrupt status register LSB
0x0B
8
GPIO interrupt status register MSB
0x10
GPMR
8
GPIO monitor pin state register LSB
0x11
8
GPIO monitor pin state register MSB
0x12
GPSR
8
GPIO set pin state register LSB
0x13
8
GPIO set pin state register MSB
0x14
GPDR
8
GPIO set pin direction register LSB
0x15
8
GPIO set pin direction register MSB
0x16
GPPIR
8
GPIO polarity inversion register LSB
0x17
8
GPIO polarity inversion register MSB
0x18-
0xFF
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com