Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1600 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STMPE1600
Description  16-bit port expander with ultra-low power consumption Xpander Logic?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1600 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STMPE1600 Datasheet HTML 15Page - STMicroelectronics STMPE1600 Datasheet HTML 16Page - STMicroelectronics STMPE1600 Datasheet HTML 17Page - STMicroelectronics STMPE1600 Datasheet HTML 18Page - STMicroelectronics STMPE1600 Datasheet HTML 19Page - STMicroelectronics STMPE1600 Datasheet HTML 20Page - STMicroelectronics STMPE1600 Datasheet HTML 21Page - STMicroelectronics STMPE1600 Datasheet HTML 22Page - STMicroelectronics STMPE1600 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
STMPE1600
Polarity inversion register
Doc ID 16938 Rev 3
19/27
9.3
Fail safe conditions
The STMPE1600 IOs (SDA, SCL, INT, A2, A1, A0) are fail-safe IOs that support 4 mA
current drive.
Note that “present” state implies that the supply is present. The “absent” state implies that
the power is lost (grounded) condition. In the fail-safe condition, the leakage current flowing
into the STMPE1600 device is prevented.
Fail Safe condition
When chip supply is 0 V and when VIO (SDA, SCL, INT, A2, A1, A0) is 3.6 V, this is classified
as a fail-safe condition. In this case, the chip is protected and the current per I/O is limited to
a very small value.
Overvoltage condition
The second condition is the overvoltage condition which occurs when VCC = 1.65 V and
VIO = 3.6 V. In this condition, the current drawn by the device per IO can be 10 µA (typical)
and 25 µA (worst case). This device should not be operated under this condition.
So it is recommended to operate the IO at the same voltage as the supply voltage (either
1.8 V or 3.3 V). Also the fail safe IOs are special IOs which can have a voltage present while
the supply voltage VCC is 0 V. Current will be limited from the fail safe IOs when supply
voltage VCC is 0 V.
Table 10.
Fail safe conditions
VCC (core and IO supply)
Condition
Present
Normal operating condition
Absent
Complete power-down condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com