Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1600 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STMPE1600
Description  16-bit port expander with ultra-low power consumption Xpander Logic?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1600 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STMPE1600 Datasheet HTML 3Page - STMicroelectronics STMPE1600 Datasheet HTML 4Page - STMicroelectronics STMPE1600 Datasheet HTML 5Page - STMicroelectronics STMPE1600 Datasheet HTML 6Page - STMicroelectronics STMPE1600 Datasheet HTML 7Page - STMicroelectronics STMPE1600 Datasheet HTML 8Page - STMicroelectronics STMPE1600 Datasheet HTML 9Page - STMicroelectronics STMPE1600 Datasheet HTML 10Page - STMicroelectronics STMPE1600 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
STMPE1600
I2C block
Doc ID 16938 Rev 3
7/27
For the bus master to communicate to the slave device, the bus master must initiate a Start
condition and followed by the slave device address. Accompanying the slave device
address, there is a Read/Write bit (R/W). The bit is set to 1 for Read and 0 for write
operation.
If a match occurs on the slave device address, the corresponding device gives an
acknowledge on the SDA during the 9th bit time. If there is no match, it deselects itself from
the bus by not responding to the transaction.
Figure 4.
I2C timing
Table 3.
Eight programmable slave addresses
A2
A1
A0
Slave device address
(7-bit or 10-bit
addressing)
0
0
0
42h
0
0
1
43h
0
1
0
44h
0
1
1
45h
1
0
1
46h
1
0
1
47h
1
1
0
48h
1
1
1
49h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com