Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1600 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STMPE1600
Description  16-bit port expander with ultra-low power consumption Xpander Logic?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1600 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STMPE1600 Datasheet HTML 11Page - STMicroelectronics STMPE1600 Datasheet HTML 12Page - STMicroelectronics STMPE1600 Datasheet HTML 13Page - STMicroelectronics STMPE1600 Datasheet HTML 14Page - STMicroelectronics STMPE1600 Datasheet HTML 15Page - STMicroelectronics STMPE1600 Datasheet HTML 16Page - STMicroelectronics STMPE1600 Datasheet HTML 17Page - STMicroelectronics STMPE1600 Datasheet HTML 18Page - STMicroelectronics STMPE1600 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
STMPE1600
Interrupt system
Doc ID 16938 Rev 3
15/27
6
Interrupt system
The STMPE1600 can be configured to generate an interrupt when there is a logic transition
on any of the GPIO configured as an input.
IEGPIOR
Interrupt enable GPIO mask register
Address:
0x08, 0x09
Type:
RW
Reset:
0x00
Description:
Interrupt enable GPIO mask register (IEGPIOR)
The IEGPIOR register is used to enable the interruption from a particular GPIO
interrupt source to the host. The IEG[15:0] bits are the interrupt enable mask bits
corresponding to the GPIO[15:0] pins.
15
14
13
12
11
10
9876543
2
1
0
IEG15
IEG14
IEG13
IEG12
IEG11
IEG10
IEG9
IEG8
IEG7
IEG6
IEG5
IEG4
IEG3
IEG2
IEG1
IEG0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
[15:0] IEG[x]: Interrupt enable GPIO mask (where x = 15 to 0)
Writing a ‘1’ to the IE[x] bit will enable the interruption to the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com