Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1600 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STMPE1600
Description  16-bit port expander with ultra-low power consumption Xpander Logic?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1600 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STMPE1600 Datasheet HTML 17Page - STMicroelectronics STMPE1600 Datasheet HTML 18Page - STMicroelectronics STMPE1600 Datasheet HTML 19Page - STMicroelectronics STMPE1600 Datasheet HTML 20Page - STMicroelectronics STMPE1600 Datasheet HTML 21Page - STMicroelectronics STMPE1600 Datasheet HTML 22Page - STMicroelectronics STMPE1600 Datasheet HTML 23Page - STMicroelectronics STMPE1600 Datasheet HTML 24Page - STMicroelectronics STMPE1600 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
STMPE1600
Maximum rating
Doc ID 16938 Rev 3
21/27
Table 14.
Input/outputs
Icc(normal)
Normal mode operating
current
SCL running at 400KHz
Vcc=1.8-3.3V
1% traffic density
No peripheral activity or
no load
–10
15
µA
Icc (suspend)
Standby operating
current
No I2C activity
(SCL=0kHz)
VCC =1.8 -3.3 V
Vinputs=GND or VCC
No peripheral activity or
no load
I/O=inputs
–0.25
1
µA
Icc
(powerdown)
Power down current
I2C block OFF
VCC =1.8 - 3.3 V
–0.25
1
µA
IIO(fail safe)
Fail-safe IO current
VCC=0 V
Vio (fail safe)= 3.6 V
0.25
1
µA
Sym
bol
Parameter
Test conditions
Value
Unit
Min
Typ
Max
VIL
Input voltage low state
VCC = 1.65 - 3.6 V
0.2Vcc
V
VIH
Input voltage high state
VCC = 1.65-3.6V
0.8Vcc
V
Vhyst
Schmitt trigger
hysteresis
0.2
V
IIL
Input low leakage
current
VI =GND
1
µA
IIH
Input high leakage
current
VI =VCC
––
-1
µA
VOL Output voltage low state
VCC =1.65-3.6V,
IOL=8mA
0.15Vcc
V
VOH
Output voltage high
state
VCC = 1.65-3.6V,
IOL =8mA
0.85Vcc
V
Table 13.
Supplies (continued)
Symbol
Parameter
Test conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com