Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1600 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STMPE1600
Description  16-bit port expander with ultra-low power consumption Xpander Logic?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1600 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STMPE1600 Datasheet HTML 8Page - STMicroelectronics STMPE1600 Datasheet HTML 9Page - STMicroelectronics STMPE1600 Datasheet HTML 10Page - STMicroelectronics STMPE1600 Datasheet HTML 11Page - STMicroelectronics STMPE1600 Datasheet HTML 12Page - STMicroelectronics STMPE1600 Datasheet HTML 13Page - STMicroelectronics STMPE1600 Datasheet HTML 14Page - STMicroelectronics STMPE1600 Datasheet HTML 15Page - STMicroelectronics STMPE1600 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
I2C features
STMPE1600
12/27
Doc ID 16938 Rev 3
Note: All other second byte values will be ignored.
3.1
Turning I2C block OFF and ON
The STMPE1600 operates entirely on the I2C clock. When there is no activity on the I2C
bus, current consumption of the device is extremely low. However, when there is activity on
the I2C bus, current consumption increases, even if the I2C traffic is not directed to the
assigned address.
The host system may choose to shut-down the I2C block in the STMPE1600, if no access to
the registers is required. This feature allows the current consumption to drop to the
minimum. Host system turns OFF the I2C block by writing '1' into the I2C_SHDN bit. The I2C
block will shut down on the next valid clock edge of the I2C clock signal. In this state, the
device cannot be accessed by I2C, as the I2C has shut down completely.
To turn ON the I2C block, system host must reset the STMPE1600 in order to re-activate the
I2C block either by removing VCC and bringing it back again. Or by using GPIO_0 for wake-
up function.
Table 6.
General call
R/W
Second Byte Value
Definition
0
0x06
2-byte transaction in which the second byte tells the slave device
to reset and write (or latch in) the 1-bit programmable part of the
slave address.
0
0x04
2-byte transaction in which the second byte tells the slave device
not to reset and write (or latch in) the 1-bit programmable part of
the slave address.
0
0x00
Not allowed as second byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com