Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1600 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STMPE1600
Description  16-bit port expander with ultra-low power consumption Xpander Logic?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1600 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STMPE1600 Datasheet HTML 18Page - STMicroelectronics STMPE1600 Datasheet HTML 19Page - STMicroelectronics STMPE1600 Datasheet HTML 20Page - STMicroelectronics STMPE1600 Datasheet HTML 21Page - STMicroelectronics STMPE1600 Datasheet HTML 22Page - STMicroelectronics STMPE1600 Datasheet HTML 23Page - STMicroelectronics STMPE1600 Datasheet HTML 24Page - STMicroelectronics STMPE1600 Datasheet HTML 25Page - STMicroelectronics STMPE1600 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Maximum rating
STMPE1600
22/27
Doc ID 16938 Rev 3
Table 15.
Digital inputs (A2, A1, A0 pins)
Table 16.
Interrupt (INT pin)
Table 17.
Input (SCL), Input/Output (SDA)
Symbol
Parameter
Test conditions
Value
Unit
Min
Typ
Max
VIL
Low-level input voltage
0.2Vcc
V
VIH
High-level input voltage
0.8Vcc
V
IL
Leakage current
VI =VCC or GND
-1
1
µA
Symbol
Parameter
Test conditions
Value
Unit
Min
Typ
Max
IOL
Open-drain low-level
output current
VOL=0.4 V
4
mA
VOL
Output voltage low
state
VCC = 1.8 - 3.3 V,
IOL=4mA
––
0.15Vcc
V
VOH
Output voltage high
state
VCC =1.8 -3.3 V,
IOL=4mA
0.85Vcc
V
Symbol
Parameter
Test conditions
Value
Unit
Min
Typ
Max
VIL
Low-level input voltage
0.2Vcc
V
VIH
High-level input voltage
0.8Vcc
V
IL
Leakage current
VI =VCC or GND
-1
1
µA
VOL
(I2C)
Output voltage low
state
VCC = 1.8 - 3.3 V,
IOL=4mA
––
0.15Vcc
V
VOH
(I2C)
Output voltage high
state
VCC = 1.8 - 3.3 V,
IOL=4 mA
0.85Vcc
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com