Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS617 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS617
Description  Dual wideband high output current operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS617 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS617 Datasheet HTML 2Page - STMicroelectronics TS617 Datasheet HTML 3Page - STMicroelectronics TS617 Datasheet HTML 4Page - STMicroelectronics TS617 Datasheet HTML 5Page - STMicroelectronics TS617 Datasheet HTML 6Page - STMicroelectronics TS617 Datasheet HTML 7Page - STMicroelectronics TS617 Datasheet HTML 8Page - STMicroelectronics TS617 Datasheet HTML 9Page - STMicroelectronics TS617 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
TS617
6/19
VOL
Low level output voltage
RL = 100 Ω
-5.1
-5
V
Tmin. < Tamb < Tmax.
-5
Iout
Isink
Vout = -4 V
450
540
mA
Tmin. < Tamb < Tmax.
510
Isource
Vout = +4 V
-550
-450
Tmin. < Tamb < Tmax.
-490
Ishort circuit
(limited by thermal shut down)
Output to GND
(limited by internal thermal
shut-down)
800
Noise and distortion
eN
Equivalent input noise voltage
F = 100 kHz
3.5
nV/
Hz
iNp
Positive input noise current
F = 100 kHz
39
pA/
Hz
iNn
Positive input noise current
F = 100 kHz
20
pA/
Hz
H2/H3
2nd and 3rd harmonics
Vout = 2 Vp-p, gain = +4,
F=6MHz
RL = 100 Ω,
H2
H3
-66
-73
dBc
Power-down function
Ipdw
Consumption in power-down
mode
A1= 0, A0 = 0
90
300
µA
Tmin. < Tamb < Tmax.
110
ton
Time for power-down mode to
operating mode
A1 = A0 = 0 to A1 = A0 = 1
Vout = 4 Vdc, gain = +4
60
200
ns
toff
Time for operating mode to
power-down mode
A1 = A0 = 1 to A1 = A0 = 0
Vout = 4 Vdc, gain = +4
550
1000
ns
Table 4.
VCC = ±6 V, Tamb = 25° C, full power mode (unless otherwise specified) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com