Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS617 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS617
Description  Dual wideband high output current operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS617 Datasheet(HTML) 2 Page - STMicroelectronics

  TS617 Datasheet HTML 1Page - STMicroelectronics TS617 Datasheet HTML 2Page - STMicroelectronics TS617 Datasheet HTML 3Page - STMicroelectronics TS617 Datasheet HTML 4Page - STMicroelectronics TS617 Datasheet HTML 5Page - STMicroelectronics TS617 Datasheet HTML 6Page - STMicroelectronics TS617 Datasheet HTML 7Page - STMicroelectronics TS617 Datasheet HTML 8Page - STMicroelectronics TS617 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Absolute maximum ratings and operating conditions
TS617
2/19
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values are measured with respect to the ground pin.
14
VDC
Vid
Differential input voltage(2)
2.
Differential voltage is between the non-inverting input terminal and the inverting input terminal.
±2
V
Toper
Operating free air temperature range
-40 to +85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
ΘJA
SO14 thermal resistance junction to ambient
103
°C/W
ΘJC
SO14 thermal resistance junction to case
31
°C/W
Pmax
SO14 maximum power dissipation(3) (at Ta = 25° C) for
Tj = 150° C
3.
Short-circuits can cause excessive heating. Destructive dissipation can result from short circuits on
amplifiers. An internal thermal shut-down set the circuit in power down mode automatically when the silicon
temperature reaches 150°C.
1.2
W
ESD
HBM: human body model (4)
4.
Human body model: 100 pF discharged through a 1.5 k
Ω resistor into Pmin of device.
2kV
MM: machine model (5)
5.
This is a minimum value. Machine model ESD: a 200 pF capacitor is charged to the specified voltage, then
discharged directly into the IC with no external series resistor.
200
V
CDM: charged device model
1
kV
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Power supply voltage (1)
1.
Tested in full production at ±2.5 V and ±6 V supply voltages.
4.5 to13
V
Vicm
Common mode input voltage
±6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com