Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS617 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS617
Description  Dual wideband high output current operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS617 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS617 Datasheet HTML 6Page - STMicroelectronics TS617 Datasheet HTML 7Page - STMicroelectronics TS617 Datasheet HTML 8Page - STMicroelectronics TS617 Datasheet HTML 9Page - STMicroelectronics TS617 Datasheet HTML 10Page - STMicroelectronics TS617 Datasheet HTML 11Page - STMicroelectronics TS617 Datasheet HTML 12Page - STMicroelectronics TS617 Datasheet HTML 13Page - STMicroelectronics TS617 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
TS617
10/19
Figure 14.
Ibias vs. temperature
Figure 15.
Power down vs. temperature
-40
-20
0
20
40
60
80
-35
-30
-25
-20
-15
-10
-5
0
Ib-
Ib+
Vcc=+/-6V
Temperature (°C)
-40
-20
0
2040
6080
20
30
40
50
60
70
80
90
100
110
120
Vcc=±2.5V
no load
Vcc=±6V
Temperature (°C)
Figure 16.
VOH vs. temperature
Figure 17.
VOL vs. temperature
Figure 18.
Ton vs. temperature
Figure 19.
Toff vs. temperature
-40
-20
0
2040
6080
4.0
4.5
5.0
5.5
6.0
Vcc=+/-6V
Load=100
Ω
Temperature (°C)
-40
-20
0
2040
6080
-6.0
-5.5
-5.0
-4.5
-4.0
Vcc=+/-6V
Load=100
Ω
Temperature (°C)
-40
-20
0
2040
6080
0
20
40
60
80
100
Vcc=+/-6V
Load=100
Ω
Temperature (°C)
-40
-20
0
2040
6080
200
400
600
800
1000
Vcc=+/-6V
Load=100
Ω
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com