Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS617 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS617
Description  Dual wideband high output current operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS617 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS617 Datasheet HTML 8Page - STMicroelectronics TS617 Datasheet HTML 9Page - STMicroelectronics TS617 Datasheet HTML 10Page - STMicroelectronics TS617 Datasheet HTML 11Page - STMicroelectronics TS617 Datasheet HTML 12Page - STMicroelectronics TS617 Datasheet HTML 13Page - STMicroelectronics TS617 Datasheet HTML 14Page - STMicroelectronics TS617 Datasheet HTML 15Page - STMicroelectronics TS617 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Safe operating area
TS617
12/19
3
Safe operating area
Figure 24.
Equivalent schematic
Vout(rms) is the rms output voltage value. Iout(rms) is the rms output current value through
the output load R-load. When supplied by +/-Vcc, the power which must be dissipated by
one operator is p=Iout(rms)x(+Vcc-Vout(rms)). Since the TS617 is used in a differential
configuration using both operators, it must dissipate 2 x p. The power dissipated by the
TS617 is derived from:
(eq1),
P = 2 x [ Iout(rms) x (+Vcc-Vout(rms)) ].
In the following formula:
(eq2),
Tj is the junction temperature, Tamb is the ambient temperature and Rthja is the junction-to-
ambient thermal resistance of the package (SO-14: Rthja = 103° C/watt).
Assuming that Tj must be lower than 150° C to avoid any damage to the dice, it is derived
from (eq2):
(eq3),
From (eq1) and (eq3) we can easily extract the maximum value of Vout(rms) that the TS617
can drive without any damage (according to Tamb and R-load).
P
Tj
Tamb
–
()
Rthja
--------------------------------
=
Pmax
150
Tamb
–
103
--------------------------------
inWatt
()
,
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com