Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS617 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS617
Description  Dual wideband high output current operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS617 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS617 Datasheet HTML 4Page - STMicroelectronics TS617 Datasheet HTML 5Page - STMicroelectronics TS617 Datasheet HTML 6Page - STMicroelectronics TS617 Datasheet HTML 7Page - STMicroelectronics TS617 Datasheet HTML 8Page - STMicroelectronics TS617 Datasheet HTML 9Page - STMicroelectronics TS617 Datasheet HTML 10Page - STMicroelectronics TS617 Datasheet HTML 11Page - STMicroelectronics TS617 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
TS617
8/19
Figure 2.
Gain vs. frequency (VCC = 5 V)
Figure 3.
Gain vs. frequency (VCC =12V)
1M
10M
100M
1G
-40
-30
-20
-10
0
10
20
low power
medium
power
high power
Vcc=+/-2.5V
Small signal
Load=25
Ω
Gain=+4, Rfb=390
Ω
Frequency (Hz)
1M
10M
100M
1G
-40
-30
-20
-10
0
10
20
low power
medium
power
high power
Vcc=+/-6V
Small signal
Load=100
Ω
Gain=+4, Rfb=390
Ω
Frequency (Hz)
Figure 4.
Input noise
Figure 5.
Distortion (VCC =5V)
100
1k
10k
100k
1M
0
5
10
15
20
25
No load
Input to GND
Frequency (Hz)
0.0
0.5
1.0
1.5
2.0
2.5
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
H3
H2
Vcc=+/-2.5V
F=6MHz
Load=25
Ω
Output Amplitude (Vp-p)
Figure 6.
Distortion (VCC = 12 V)
Figure 7.
ICC vs. VCC
024
68
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
H3
H2
Vcc=+/-6V
F=6MHz
Load=100
Ω
Output Amplitude (Vp-p)
012345
6
0
2
4
6
8
10
12
14
dual supply
+/-Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com